Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AHCT123ADE4 Datasheet(PDF) 5 Page - Texas Instruments |
|
SN74AHCT123ADE4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 25 page SN54AHCT123A, SN74AHCT123A DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS SCLS420G – JUNE 1998 – REVISED APRIL 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TEST TA = 25°C SN54AHCT123A SN74AHCT123A UNIT PARAMETER FROM TO TEST A UNIT PARAMETER (INPUT) (OUTPUT) CONDITIONS MIN TYP MAX MIN MAX MIN MAX UNIT tPLH A B QQ CL =15 pF 5.3* 10* 1* 13* 1 11 ns tPHL A or B Q or Q CL = 15 pF 5.3* 10* 1* 13* 1 11 ns tPLH CLR QQ CL =15 pF 7.7* 12* 1* 15* 1 13 ns tPHL CLR Q or Q CL = 15 pF 7.7* 12* 1* 15* 1 13 ns tPLH CLR ti QQ CL =15 pF 8* 13* 1* 16* 1 14 ns tPHL CLR trigger Q or Q CL = 15 pF 8* 13* 1* 16* 1 14 ns tPLH A B QQ CL =50 pF 6.8 11 1 14 1 12 ns tPHL A or B Q or Q CL = 50 pF 6.8 11 1 14 1 12 ns tPLH CLR QorQ CL =50 pF 9.2 13 1 16 1 14 ns tPHL CLR Q or Q CL = 50 pF 9.2 13 1 16 1 14 ns tPLH CLR ti QQ CL =50 pF 9.5 14 1 17 1 15 ns tPHL CLR trigger Q or Q CL = 50 pF 9.5 14 1 17 1 15 ns † CL = 50 pF, Cext = 28 pF, Rext = 2 kΩ 133 200 240 240 ns tw† Q or Q CL = 50 pF, Cext = 0.01 µF, Rext = 10 kΩ 90 100 110 90 110 90 110 ms CL = 50 pF, Cext = 0.1 µF, Rext = 10 kΩ 0.9 1 1.1 0.9 1.1 0.9 1.1 ms ∆tw‡ ±1 % * On products compliant to MIL-PRF-38535, this parameter is not production tested. † tw = Pulse duration at Q and Q outputs ‡ ∆tw = Output pulse-duration variation (Q and Q) between circuits in same package operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load 29 pF |
Número de pieza similar - SN74AHCT123ADE4 |
|
Descripción similar - SN74AHCT123ADE4 |