Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP-BF534 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADSP-BF534
Descripción Electrónicos  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF534 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF534_08 Datasheet HTML 1Page - Analog Devices ADSP-BF534_08 Datasheet HTML 2Page - Analog Devices ADSP-BF534_08 Datasheet HTML 3Page - Analog Devices ADSP-BF534_08 Datasheet HTML 4Page - Analog Devices ADSP-BF534_08 Datasheet HTML 5Page - Analog Devices ADSP-BF534_08 Datasheet HTML 6Page - Analog Devices ADSP-BF534_08 Datasheet HTML 7Page - Analog Devices ADSP-BF534_08 Datasheet HTML 8Page - Analog Devices ADSP-BF534_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin
Embedded Processor
ADSP-BF534/ADSP-BF536/ADSP-BF537
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Up to 600 MHz high performance Blackfin processor
Three 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
40-bit shifter
RISC-like register and instruction model for ease of
programming and compiler-friendly support
Advanced debug, trace, and performance monitoring
0.8V to 1.3V core VDD with on-chip voltage regulation
2.5 V and 3.3 V-compliant I/O with specific 5 V-tolerant pins
182-ball and 208-ball CSP_BGA packages
MEMORY
Up to 132K bytes of on-chip memory
Instruction SRAM/cache and instruction SRAM
Data SRAM/cache plus additional dedicated data SRAM
Scratchpad SRAM (see Table 1 on Page 3 for available
memory configurations)
External memory controller with glueless support for SDRAM
and asynchronous 8-bit and 16-bit memories
Flexible booting options from external flash, SPI and TWI
memory or from SPI, TWI, and UART host devices
Memory management unit providing memory protection
PERIPHERALS
IEEE 802.3-compliant 10/100 Ethernet MAC (ADSP-BF536 and
ADSP-BF537 only)
Controller area network (CAN) 2.0B interface
Parallel peripheral interface (PPI), supporting ITU-R 656
video data formats
2 dual-channel, full-duplex synchronous serial ports
(SPORTs), supporting eight stereo I2S channels
12 peripheral DMAs, 2 mastered by the Ethernet MAC
2 memory-to-memory DMAs with external request lines
Event handler with 32 interrupt inputs
Serial peripheral interface (SPI) compatible
2 UARTs with IrDA support
2-wire interface (TWI) controller
Eight 32-bit timer/counters with PWM support
Real-time clock (RTC) and watchdog timer
32-bit core timer
48 general-purpose I/Os (GPIOs), 8 with high current drivers
On-chip PLL capable of 0.5
to 64
frequency multiplication
Debug/JTAG interface
Figure 1. Functional Block Diagram
ETHERNET MAC
(ADSP-BF536/
ADSP-BF537 ONLY)
TIMERS 0-7
UART 0-1
PPI
SPORT1
SPI
WATCHDOG TIMER
RTC
TWI
CAN
SPORT0
GPIO
PORT
F
GPIO
PORT
H
GPIO
PORT
G
PORT
J
EXTERNAL PORT
FLASH, SDRAM CONTROL
BOOT ROM
JTAG TEST AND EMULATION
VOLTAGE REGULATOR
DMA
CONTROLLER
L1
INSTRUCTION
MEMORY
L1
DATA
MEMORY
B
INTERRUPT
CONTROLLER
PERIPHERAL ACCESS BUS
EXTERNAL
ACCESS
BUS
DMA CORE BUS
16


Número de pieza similar - ADSP-BF534_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-BF534BBC-4A AD-ADSP-BF534BBC-4A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF534BBC-5A AD-ADSP-BF534BBC-5A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF534BBCZ-4A AD-ADSP-BF534BBCZ-4A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF534BBCZ-4B AD-ADSP-BF534BBCZ-4B Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF534BBCZ-5A AD-ADSP-BF534BBCZ-5A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
More results

Descripción similar - ADSP-BF534_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com