Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADSP-BF534BBCZ-4B Datasheet(PDF) 6 Page - Analog Devices |
|
ADSP-BF534BBCZ-4B Datasheet(HTML) 6 Page - Analog Devices |
6 / 68 page Rev. E | Page 6 of 68 | March 2008 ADSP-BF534/ADSP-BF536/ADSP-BF537 Booting The Blackfin processor contains a small on-chip boot kernel, which configures the appropriate peripheral for booting. If the Blackfin processor is configured to boot from boot ROM mem- ory space, the processor starts executing from the on-chip boot ROM. For more information, see Booting Modes on Page 16. Event Handling The event controller on the Blackfin processor handles all asyn- chronous and synchronous events to the processor. The Blackfin processor provides event handling that supports both nesting and prioritization. Nesting allows multiple event service routines to be active simultaneously. Prioritization ensures that servicing of a higher priority event takes precedence over servic- ing of a lower priority event. The controller provides support for five different types of events: • Emulation – An emulation event causes the processor to enter emulation mode, allowing command and control of the processor via the JTAG interface. • Reset – This event resets the processor. • Nonmaskable Interrupt (NMI) – The NMI event can be generated by the software watchdog timer or by the NMI input signal to the processor. The NMI event is frequently used as a power-down indicator to initiate an orderly shut- down of the system. • Exceptions – Events that occur synchronously to program flow (in other words, the exception is taken before the instruction is allowed to complete). Conditions such as data alignment violations and undefined instructions cause exceptions. • Interrupts – Events that occur asynchronously to program flow. They are caused by input pins, timers, and other peripherals, as well as by an explicit software instruction. Each event type has an associated register to hold the return address and an associated return-from-event instruction. When an event is triggered, the state of the processor is saved on the supervisor stack. The Blackfin processor event controller consists of two stages: the core event controller (CEC) and the system interrupt con- troller (SIC). The core event controller works with the system interrupt controller to prioritize and control all system events. Figure 3. ADSP-BF534/ADSP-BF536/ADSP-BF537 Memory Maps RESERVED CORE MMR REGISTERS (2M BYTES) RESERVED SCRATCHPAD SRAM (4K BYTES) INSTRUCTIONBANKBSRAM(16KBYTES) SYSTEM MMR REGISTERS (2M BYTES) RESERVED RESERVED DATA BANK B SRAM/CACHE (16K BYTES) DATABANKBSRAM (16KBYTES) DATA BANK A SRAM/CACHE (16K BYTES) ASYNC MEMORY BANK 3 (1M BYTES) ASYNC MEMORY BANK 2 (1M BYTES) ASYNC MEMORY BANK 1 (1M BYTES) ASYNC MEMORY BANK 0 (1M BYTES) SDRAM MEMORY (16M BYTES TO 512M BYTES) INSTRUCTION SRAM/CACHE (16K BYTES) 0xFFFF FFFF 0xFFE0 0000 0xFFB0 0000 0xFFA1 4000 0xFFA1 0000 0xFF90 8000 0xFF90 4000 0xFF80 8000 0xFF80 4000 0x2040 0000 0x2030 0000 0x2020 0000 0x2010 0000 0x2000 0000 0xEF00 0000 0x0000 0000 0xFFC0 0000 0xFFB0 1000 0xFFA0 0000 DATABANKASRAM (16KBYTES) 0xFF90 0000 0xFF80 0000 RESERVED RESERVED 0xFFA0 C000 0xFFA0 8000 INSTRUCTIONBANKASRAM(32KBYTES) RESERVED BOOT ROM (2K BYTES) 0xEF00 0800 ADSP-BF534/ADSP-BF537 MEMORY MAP RESERVED CORE MMR REGISTERS (2M BYTES) RESERVED SCRATCHPAD SRAM (4K BYTES) INSTRUCTION BANK B SRAM (16K BYTES) SYSTEM MMR REGISTERS (2M BYTES) RESERVED RESERVED DATA BANK B SRAM/CACHE (16K BYTES) DATA BANK A SRAM/CACHE (16K BYTES) ASYNC MEMORY BANK 3 (1M BYTES) ASYNC MEMORY BANK 2 (1M BYTES) ASYNC MEMORY BANK 1 (1M BYTES) ASYNC MEMORY BANK 0 (1M BYTES) SDRAM MEMORY (16M BYTES TO 512M BYTES) INSTRUCTION SRAM/CACHE (16K BYTES) 0xFFFF FFFF 0xFFE0 0000 0xFFB0 0000 0xFFA1 4000 0xFFA1 0000 0xFF90 8000 0xFF90 4000 0xFF80 8000 0xFF80 4000 0x2040 0000 0x2030 0000 0x2020 0000 0x2010 0000 0x2000 0000 0xEF00 0000 0x0000 0000 0xFFC0 0000 0xFFB0 1000 0xFFA0 0000 0xFF90 0000 0xFF80 0000 RESERVED RESERVED 0xFFA0 C000 0xFFA0 8000 INSTRUCTION BANK A SRAM (32K BYTES) RESERVED RESERVED RESERVED BOOT ROM (2K BYTES) 0xEF00 0800 ADSP-BF536 MEMORY MAP |
Número de pieza similar - ADSP-BF534BBCZ-4B |
|
Descripción similar - ADSP-BF534BBCZ-4B |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |