Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX5032SB12000F0FLJZZ Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

No. de pieza CX5032SB12000F0FLJZZ
Descripción Electrónicos  Crystal Units Surface Mount Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KSS [Kyocera Kinseki Corpotation]
Página de inicio  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX5032SB12000F0FLJZZ Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  CX5032SB12000F0FLJZZ Datasheet HTML 1Page - Kyocera Kinseki Corpotation CX5032SB12000F0FLJZZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation CX5032SB12000F0FLJZZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation CX5032SB12000F0FLJZZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation CX5032SB12000F0FLJZZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation CX5032SB12000F0FLJZZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation CX5032SB12000F0FLJZZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation CX5032SB12000F0FLJZZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation CX5032SB12000F0FLJZZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Features
• Reference frequency
for telecommunication systems
• Reflow compatible
• Using ceramic package resulting
in high reliability
• Small and low profile
Applications
• Mobile Communications, Bluetooth,
Wireless LAN
Pb Free
Specifications
Table1 Motional Series Resistances
Dimensions
(Unit : mm)
Recommended Land Pattern
(Unit : mm)
2.50.1
1.0
0.75
CONNECTION
(TOP VIEW)
NC
HOT
HOT
GND
#4
#3
#1
#2
#1
#2
#4
#3
1.2
1.2
0.5
Table2 Level of Drive
#4
#3
#1
#2
Items
Symbol
Specification
Units
Remarks
f_nom
OT
f_tol
f_tem
R1
DL
CL
T_use
T_stg
13560 to 60000
Fundamental
10
15
Table 1
Table 2
8
30 to 85
40 to 85
kHz
––––
10-6
10-6
ohm
W
pF
°C
°C
@ 25°C
ref.@ 25°C Over Operating Temp. Range
How to Order
①Code
②Typical Frequencies
③Load Capacitance
④Frequency Stability
⑤Operating Temperature Range
⑥Frequency Temperature Stability
⑦Special
*Please inquire about frequencies other than the above.
CX2520SB 32000 D0 F L J ZZ
8pF
1010-6
30°C to 85°C
1510-6
D0
F
L
J
ZZ
Custom Specification
Code
Freq.(kHz)
Code
Freq.(kHz)
13560
16000
18000
19200
24000
26000
13560.000
16000.000
18000.000
19200.000
24000.000
26000.000
27120
32000
38400
40000
44000
27120.000
32000.000
38400.000
40000.000
44000.000
Frequency Range
Motional Series Resistance
Units
ohm
300
150
100
50
13560 to 15999kHz
16000 to 19999kHz
20000 to 39999kHz
40000 to 60000kHz
Frequency Range
Level of Drive
Units
13560 to 60000kHz
10 (100 max.)
W
Frequency Range
Overtone Order
Frequency Tolerance
Frequency Temp. Characteristics
Motional Series Resistance
Level of Drive
Load Capacitance
Operating Temp. Range
Storage Temp. Range
* Please inqurie about specifications other than the above.
RoHS Compliant
2.5×2.0mm for Mobile Communications, SRWI
Crystal Units
Surface Mount Type CX2520SB (CX-2520SB)
- 35 -


Número de pieza similar - CX5032SB12000F0FLJZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kyocera Kinseki Corpota...
CX5032SB KSS-CX5032SB Datasheet
70Kb / 1P
   Crystal units surface mount type
CX5032SB26000H0FLJZ1 KSS-CX5032SB26000H0FLJZ1 Datasheet
70Kb / 1P
   Crystal units surface mount type
More results

Descripción similar - CX5032SB12000F0FLJZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com