Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX5032GB24545H0PESZZ Datasheet(PDF) 8 Page - Kyocera Kinseki Corpotation

No. de pieza CX5032GB24545H0PESZZ
Descripción Electrónicos  Crystal Units Surface Mount Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KSS [Kyocera Kinseki Corpotation]
Página de inicio  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX5032GB24545H0PESZZ Datasheet(HTML) 8 Page - Kyocera Kinseki Corpotation

Back Button CX5032GB24545H0PESZZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation CX5032GB24545H0PESZZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation CX5032GB24545H0PESZZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation CX5032GB24545H0PESZZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation CX5032GB24545H0PESZZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation CX5032GB24545H0PESZZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation CX5032GB24545H0PESZZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation CX5032GB24545H0PESZZ Datasheet HTML 11Page - Kyocera Kinseki Corpotation CX5032GB24545H0PESZZ Datasheet HTML 12Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Features
• Crystal unit for audio-visual, office equipment
• Small and low profile (8.0x4.5x1.8mm)
• Ceramic package
• Product with lead free terminations
• Reflow compatible
Applications
• Audio-Visual, Office Equipment
Dimensions
(Unit : mm)
Recommended Land Pattern
(Unit : mm)
8.00.3
1.5
1.5
5.0
CONNECTION
6 . 6
2 . 4
2 . 4
How to Order
①Code
②Typical Frequencies
CX8045GB 30000 H0 P E S ZZ
Code
Freq.(kHz)
Code
Freq.(kHz)
24576
27000
28636
30000
32000
36000
40000
24576.000
27000.000
28636.000
30000.000
32000.000
36000.000
40000.000
Specifications
Items
Symbol
Specification
Units
Remarks
f_nom
OT
f_tol
f_tem
R1
DL
CL
T_use
T_stg
7200 to 48000
Fundamental
50
50
Table 1
Table 2
12
10 to 70
40 to 85
kHz
––––
10-6
10-6
ohm
W
pF
°C
°C
@ 25°C
ref.@ 25°C Over Operating Temp. Range
③Load Capacitance
④Frequency Stability
⑤Operating Temperature Range
⑥Frequency Temperature Stability
⑦Special
*Please inquire about frequencies other than the above.
14318
16000
16384
16934
19660
20000
21477
24000
14318.180
16000.000
16384.000
16934.400
19660.800
20000.000
21477.720
24000.000
12pF
5010-6
10°C to 70°C
5010-6
H0
P
E
S
ZZ
Custom Specification
Frequency Range
Overtone Order
Frequency Tolerance
Frequency Temp. Characteristics
Motional Series Resistance
Level of Drive
Load Capacitance
Operating Temp. Range
Storage Temp. Range
Table1 Motional Series Resistances
Table2 Level of Drive
Frequency Range
Motional Series Resistance
Units
ohm
7200 to 9999kHz
10000 to 11999kHz
12000 to 48000kHz
200
150
50
Frequency Range
Level of Drive
Units
W
7200 to 9999kHz
16000 to 24999kHz
25000 to 48000kHz
10 (500 max.)
10 (300 max.)
10 (100 max.)
* Please inqurie about specifications other than the above.
RoHS Compliant
8.0×4.5mm for Audio & Visual, Office Equipment
Crystal Units
Surface Mount Type CX8045GB (CX-8045G)
- 41 -


Número de pieza similar - CX5032GB24545H0PESZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kyocera Kinseki Corpota...
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA08000H0QTVZ1 KSS-CX5032GA08000H0QTVZ1 Datasheet
69Kb / 1P
   Crystal units surface mount type
More results

Descripción similar - CX5032GB24545H0PESZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com