Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PS1K2 Datasheet(PDF) 1 Page - Wall Industries,Inc.

No. de Pieza. PS1K2
Descripción  1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  WALL [Wall Industries,Inc.]
Página de inicio  http://www.wallindustries.com
Logo 

PS1K2 Datasheet(HTML) 1 Page - Wall Industries,Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PS1K2 Series
1200 Watt Single Output
PFC and Current Sharing
AC/DC Switching Power Supply
FEATURES
● Remote Sense
● Power Failure Signal
● Remote ON/OFF Control
● 0.98 Typical Power Factor
● Programmable Output Voltage
● Forced Current Sharing at Parallel Operation
● Input Voltage: 90~260VAC (90 ~ 170VAC Reduced Power)
● Short Circuit/ Over Load/ Over Voltage/ Over Temperature Protection
SPECIFICATIONS: PS1K2 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 260VAC **(90 ~ 170 VAC reduced power - see “Output Power vs Input Voltage” derating curve)**
Input Frequency
47 to 63Hz
Input Current
7.0A at 230VAC (Typical)
Inrush Current
RESULT A: 84.0A (Typical)
Leakage Current
< 7.0mA at 240VAC
Remote ON/OFF Control
Compatible with a TTL signal to turn ON/OFF
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
1200 Watts max.
Output Voltage Adjustability
Maximum - minimum > 15% Adjustment (Typical adjustment by potentiometer)
25% ~ 100% Adjustment by 1 ~ 5VDC external control.
Line Regulation
Less than 1%
Load Regulation
Less than 1%
Output Current
See Table
Ripple & Noise (peak to peak)
1%
Setup, Rise, Hold-Up Time
RESULT A: 12.4ms
Temperature Coefficient
±0.04% / °C (0 ~ 50°C)
Remote Sense
yes
PROTECTION
Over Voltage Protection
110% ~ 135% (variable “OVP” follows the adjustable DC output voltage)
Over Load Protection
Current limiting 3 times (1.5”, 3.0”, 5.0”) then intelligent auto recovery before shutdown.
GENERAL SPECIFICATIONS
Efficiency
See Table
Power Factor
0.98 (Typical)
Power Failure Signal
Open Collector of NPN Transistor
Parallel Operation
yes
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
0°C to +50°C @ 100% Load, +65°C @ 50% Load.
Storage Temperature
-20°C to +85°C
Working Humidity
20% to 90% RH
Storage Humidity
10% to 95% RH
Vibration
10 ~ 200Hz, 2g 10 min./1cycle, Period of 60 min. for each axis.
Cooling
Power rating and temperature controlled fan.
PHYSICAL SPECIFICATIONS
Weight
4.5kg
Dimensions
290(L) x 120(W) x 132.5(H) mm
SAFETY & EMC
Safety Standards
UL1950, TUV EN60950
EMC Standards
EN55022, EN610000-4-2,3,4,5,6,8,11, EN61000-3-2,3, ENV50204


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
PS-4545W Single Output Switching Power Supply 1 2 3 4 5 MoreAstrodyne Corporation
PS-6565W Single Output Switching Power Supply 1 2 3 4 5 MoreAstrodyne Corporation
RS-2525W Single Output Switching Power Supply 1 2 Astrodyne Corporation
AS-6060W Single Output Switching Power Supply 1 2 3 4 5 MoreAstrodyne Corporation
RS-3535W Single Output Switching Power Supply 1 2 Astrodyne Corporation
AS-100F100W Single Output Switching Power Supply 1 2 Astrodyne Corporation
RS-5050W Single Output Switching Power Supply 1 2 Astrodyne Corporation
PMK150E150 Watt Enclosed Switching Power Supply with PFC 1 2 3 4 Astrodyne Corporation
RS-7575W Single Output Switching Power Supply 1 2 Astrodyne Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn