Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STE180NE10 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STE180NE10
Descripción Electrónicos  N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE180NE10 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STE180NE10_07 Datasheet HTML 4Page - STMicroelectronics STE180NE10_07 Datasheet HTML 5Page - STMicroelectronics STE180NE10_07 Datasheet HTML 6Page - STMicroelectronics STE180NE10_07 Datasheet HTML 7Page - STMicroelectronics STE180NE10_07 Datasheet HTML 8Page - STMicroelectronics STE180NE10_07 Datasheet HTML 9Page - STMicroelectronics STE180NE10_07 Datasheet HTML 10Page - STMicroelectronics STE180NE10_07 Datasheet HTML 11Page - STMicroelectronics STE180NE10_07 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STE180NE10
Package mechanical data
9/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Número de pieza similar - STE180NE10_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
   N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
logo
Inchange Semiconductor ...
STE180NE10 ISC-STE180NE10 Datasheet
562Kb / 3P
   N-Channel MOSFET
More results

Descripción similar - STE180NE10_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
   N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
STE250NS10 STMICROELECTRONICS-STE250NS10_06 Datasheet
262Kb / 12P
   N-channel 100V - 0.0045廓 - 220A - ISOTOP STripFET??Power MOSFET
STE180N10 STMICROELECTRONICS-STE180N10 Datasheet
85Kb / 8P
   N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET
STE250NS10 STMICROELECTRONICS-STE250NS10 Datasheet
297Kb / 8P
   N-CHANNEL 100V - 0.0045 W - 220A ISOTOP STripFET POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10_06 Datasheet
412Kb / 13P
   N-channel 100V - 0.021廓 - 50A - D2PAK STripFET??Power MOSFET
logo
Fairchild Semiconductor
FDP045N10A FAIRCHILD-FDP045N10A Datasheet
751Kb / 10P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.5m
FDPF045N10A FAIRCHILD-FDPF045N10A Datasheet
669Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 67A, 4.5m
logo
STMicroelectronics
STQ1NE10L STMICROELECTRONICS-STQ1NE10L_07 Datasheet
283Kb / 13P
   N-channel 100V - 0.3廓 - 1A - TO-92 STripFET??Power MOSFET
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
   N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
logo
Fairchild Semiconductor
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_06 Datasheet
523Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com