Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3604HV4-T2 Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT3604HV4-T2
Descripción Electrónicos  4-Channel Regulated Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604HV4-T2 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3604HV4-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT3604HV4-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT3604HV4-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604HV4-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604HV4-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604HV4-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604HV4-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604HV4-T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT3604HV4-T2 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT3604
Doc. No. MD-5008 Rev. J
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, EN = VIN, CIN = COUT = 1µF, RSET = 24kΩ, TAMB = 25ºC, unless otherwise specified.
Efficiency vs. Input Voltage (4 LEDs)
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
DISCHARGING BATTERY [V]
1x mode
1.5x mode
15mA per LED
20m A per LED
Efficiency vs. Total LED Current (4 LEDs)
40
50
60
70
80
90
100
0
50
100
150
200
TOTA L LED CURRENT [mA]
VIN = 4V (1x mode)
VIN = 3.2V (1.5x mode)
LED Current vs. Input Voltage
10
12
14
16
18
20
22
24
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
4 LEDs at 20mA
1 LED at 20mA
4 LEDs at 15mA
LED Current vs. Temperature
14.0
14.5
15.0
15.5
16.0
-50 -25
0
25 50 75 100 125
TEMPERATURE [ºC
ºC
]
4LEDs at 15mA
Vin = 4V
Ground Current vs. Input Voltage (1x mode)
0.0
0.1
0.2
0.3
0.4
0.5
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
4LEDs OFF
Ground Current vs. Temperature (1x mode)
0.0
0.1
0.2
0.3
0.4
0.5
-40 -20
0
2040 6080 100
TEMPERATURE [ ]
4LEDs OFF
Rset = 500kΩ


Número de pieza similar - CAT3604HV4-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
February, 2010 ??Rev. 1
More results

Descripción similar - CAT3604HV4-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604 ONSEMI-CAT3604 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
February, 2010 ??Rev. 1
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
   4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com