Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3606 Datasheet(PDF) 5 Page - Catalyst Semiconductor

No. de pieza CAT3606
Descripción Electrónicos  6-Channel Low Noise Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT3606_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT3606
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-5009 Rev. C
Characteristics subject to change without notice
LED CURRENT SETTING
The LED current is set by the external resistor RSET
connected between the RSET pin and ground. Table
1 lists various LED currents and the associated RSET
resistor value for standard 1% precision surface
mount resistors.
Table 1. RSET Resistor Selection
LED Current (mA)
RSET (kΩ)
1
649
2
287
5
102
10
49.9
15
32.4
20
23.7
30
15.4
The enable lines ENM
¯¯¯¯ and ENS
¯¯¯¯ allow to turn On or
Off a group of LEDs as shown in Table 2.
Table 2: LED Selection
Control Lines
LED Outputs
EN
ENM
¯¯¯¯
ENS
¯¯¯¯
Main
LED1 - LED4
Sub
LED5 -LED6
0
X
X
1
1
1
1
0
1
ON
1
1
0
ON
1
0
0
ON
ON
Notes: 1 = logic high (or VIN)
0 = logic low (or GND)
– = LED output OFF
X = don't care
The unused LED channels can also be turned off by
connecting the respective LED pins to VOUT. In which
case, the corresponding LED driver is disabled and
the typical LED
sink current is only about 0.2mA.
When the following equation is true on any channel,
the driver turns off the LED channel:
VOUT - VLED ≤ 1V (LED channel OFF)
Note: The CAT3606 is designed to drive LEDs with
forward voltage greater than 1V and is not compatible
with resistive loads.


Número de pieza similar - CAT3606_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT3606HS4 CATALYST-CAT3606HS4 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
CAT3606HV4 CATALYST-CAT3606HV4 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-GT2 ONSEMI-CAT3606HV4-GT2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
CAT3606HV4-GT2 ONSEMI-CAT3606HV4-GT2 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results

Descripción similar - CAT3606_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com