Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3626HV4-T2 Datasheet(PDF) 5 Page - Catalyst Semiconductor

No. de pieza CAT3626HV4-T2
Descripción Electrónicos  6-Channel LED Driver with I2C??Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3626HV4-T2 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT3626HV4-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT3626HV4-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT3626HV4-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT3626HV4-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3626HV4-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3626HV4-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3626HV4-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3626HV4-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3626HV4-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT3626
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-5014 Rev. D
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 90mA (6 LEDs at 15mA), EN = VIN, CIN = C1 = C2 = COUT = 1µF, TAMB = 25ºC, unless otherwise specified.
LED Current Change vs. Supply Voltage
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
3.0 3.2 3.4 3.6 3.8 4.0 4.2
SUPPLY VOLTAGE [V]
1x Mode
1.5x Mode
LED Current Change vs. Temperature
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-40 -20
0
2040
6080
TEMPERATURE [°C]
Switching Frequency vs. Supply Voltage
0.7
0.8
0.9
1.0
1.1
1.2
1.3
3.0
3.2
3.4
3.6
3.8
4.0
SUPPLY VOLTAGE [V]
Switching Frequency vs. Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
0
40
80
120
TEMPERATURE [°C]
Output Resistance vs. Supply Voltage (1x Mode)
0.0
0.2
0.4
0.6
0.8
1.0
3.0 3.2 3.4
3.6 3.8 4.0 4.2
SUPPLY VOLTAGE [V]
Output Resistance vs. Supply Voltage(1.5x Mode)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.0 3.2
3.4 3.6 3.8
4.0 4.2
SUPPLY VOLTAGE [V]


Número de pieza similar - CAT3626HV4-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT3626HV4-T2 CATALYST-CAT3626HV4-T2 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
More results

Descripción similar - CAT3626HV4-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
   Compact, 6-channel LED Driver Board with I2C Interface
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Monolithic Power System...
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
   Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com