Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3648HV3-GT2 Datasheet(PDF) 11 Page - Catalyst Semiconductor

No. de pieza CAT3648HV3-GT2
Descripción Electrónicos  4-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3648HV3-GT2 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT3648HV3-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3648HV3-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3648HV3-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3648HV3-GT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT3648HV3-GT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT3648HV3-GT2 Datasheet HTML 11Page - Catalyst Semiconductor CAT3648HV3-GT2 Datasheet HTML 12Page - Catalyst Semiconductor CAT3648HV3-GT2 Datasheet HTML 13Page - Catalyst Semiconductor CAT3648HV3-GT2 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT3648
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-5031, Rev. A
Characteristics subject to change without notice
Unused LED Channels
For applications not requiring all the channels, it is
recommended the unused LED pins be tied directly to
VOUT (see Figure 4).
Figure 4. Application with 3 LEDs
Protection Mode
If an LED is disconnected, the driver senses that and
automatically ignores that channel. When all LEDs are
disconnected, the driver goes to 1x mode where the
output is equal to the input voltage.
As soon as the output exceeds about 6V, the driver
resets itself and re-evaluates the mode.
If the die temperature exceeds +150°C, the driver will
enter a thermal protection shutdown mode. When the
device temperature drops by about 20°C, the device
will resume normal operation.
LED Selection
LEDs with forward voltages (VF) ranging from 1.3V to
4.3V may be used. Selecting LEDs with lower VF is
recommended in order to improve the efficiency by
keeping the driver in 1x mode longer as the battery
voltage decreases.
For example, if a white LED with a VF of 3.3V is
selected over one with VF of 3.5V, the driver will stay
in 1x mode for lower supply voltage of 0.2V. This
helps improve the efficiency and extends battery life.
External Components
The driver requires four external 1μF ceramic capa-
citors for decoupling input, output, and for the charge
pump. Both capacitors type X5R and X7R are
recommended for the LED driver application. In all
charge pump modes, the input current ripple is kept
very low by design and an input bypass capacitor of
1μF is sufficient.
In 1x mode, the device operates in linear mode and
does not introduce switching noise back onto the
supply.
Recommended Layout
In charge pump mode, the driver switches internally at
a high frequency. It is recommended to minimize trace
length to all four capacitors. A ground plane should
cover the area under the driver IC as well as the
bypass capacitors. Short connection to ground on
capacitors CIN and COUT can be implemented with the
use of multiple via. A copper area matching the TQFN
exposed pad (TAB) must be connected to the ground
plane underneath. The use of multiple via improves
the package heat dissipation.
Figure 5. Recommended Layout
VIN
GND
Pin1
C2
C1
RSET
CIN
COUT
GND
GND
EN/DIM
GND
VIN
LED2
LED3
LED1
LED4
RSET
EN/DIM
CAT3648
VIN
VOUT
1µF
1µF
CIN
C1-
C1+
C2-
C2+
1µF
1µF
COUT
RSET
ENABLE
DIMMING


Número de pieza similar - CAT3648HV3-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3648HV3-GT2 ONSEMI-CAT3648HV3-GT2 Datasheet
301Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5031, Rev. C
CAT3648HV3-GT2 ONSEMI-CAT3648HV3-GT2 Datasheet
216Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
More results

Descripción similar - CAT3648HV3-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3648 ONSEMI-CAT3648 Datasheet
216Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3648HV3-GT2 ONSEMI-CAT3648HV3-GT2 Datasheet
301Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5031, Rev. C
CAT3647 ONSEMI-CAT3647 Datasheet
208Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3647HV3-GT2 ONSEMI-CAT3647HV3-GT2 Datasheet
294Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5030 Rev. C
logo
Catalyst Semiconductor
CAT3647 CATALYST-CAT3647 Datasheet
305Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649 Datasheet
304Kb / 14P
   6-Channel Quad-Mode LED Driver with 32 Dimming Levels & PWM
November, 2010 ??Rev. 2
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
   6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3644 CATALYST-CAT3644 Datasheet
293Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com