Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5113 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT5113
Descripción Electrónicos  100-Tap Digitally Programmable Potentiometer (DPP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5113 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT5113_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT5113_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT5113_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT5113_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT5113_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT5113_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT5113_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT5113_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT5113_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT5113
Doc. No. MD-2009 Rev. V
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Logic Inputs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
10
µA
IIL
Input Leakage Current
VIN = 0V
-10
µA
VIH2
CMOS High Level Input Voltage
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
2.5V ≤ VCC ≤ 6V
-0.3
VCC x 0.2
V
Potentiometer Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-01 Device
1
-10 Device
10
-50 Device
50
RPOT
Potentiometer Resistance
-00 Device
100
kΩ
Pot. Resistance Tolerance
±20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
1
%
INL
Integral Linearity Error
IW ≤ 2µA
0.5
1
LSB
DNL
Differential Linearity Error
IW ≤ 2µA
0.25
0.5
LSB
VCC = 5V, IW = 1mA
400
RWI
Wiper Resistance
VCC = 2.5V, IW = 1mA
1000
IW
Wiper Current
(1)
-4.4
4.4
mA
TCRPOT
TC of Pot Resistance
300
ppm/ºC
TCRATIO
Ratiometric TC
20
ppm/ºC
VN
Noise
100kHz / 1kHz
8/24
nV/√Hz
CH/CL/CW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10kΩ
1.7
MHz
Notes:
(1) This parameter is not 100% tested.


Número de pieza similar - CAT5113_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
More results

Descripción similar - CAT5113_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com