Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5126 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT5126
Descripción Electrónicos  One-Time Digitally Programmable 32-Tap Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5126 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT5126_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT5126_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT5126_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT5126_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT5126_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT5126_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT5126_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT5126_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT5126_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT5126
Doc. No. MD-2129 Rev. B
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS (continued)
VDD = 2.5V to 5.5V, VPP = GND, VH = VDD, VL = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VDD = 5.0V, TA = +25°C, unless otherwise noted.
(1)
TIMING CHARACTERISTICS
(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tCU
U/D
¯ Mode to CS
¯¯¯ Setup
Figures 1, 2
50
ns
tCI
CS
¯¯¯ Hold to U/D
¯ Mode
Figures 1, 2
50
ns
tIC
U/D
¯ Step Hold to CS
¯¯¯
Figures 1, 2
0
ns
tIL
U/D
¯ Step Low Time
Figures 1, 2
100
ns
tIH
U/D
¯ Step High Time
Figures 1, 2
100
ns
tIW
Wiper Switching Time
CL = 0pF, Figures 1, 2
100
ns
tPC
VPP Rising Edge to CS
¯¯¯
Falling Edge
Figure 3
1
ms
tCP
CS
¯¯¯ Falling Edge to VPP
Falling Edge
Figure 3
5
ms
tCL
CS
¯¯¯ Step Low Time
Figure 3
5
ms
tCH
CS
¯¯¯ Step High Time
Figure 3
5
ms
tPH
VPP Falling Edge to CS
¯¯¯
Rising Edge
Figure 3
1
ms
fU/D¯MAX
U/D
¯ Frequency
5
MHz
tUP
Power-Up Time
(Note 3)
1
ms
100kΩ variable resistor
configuration, CL = 10pF
1
tSETTLE
Output Settling Time
100kΩ potentiometer
configuration, CL = 10pF
0.25
µs
Notes:
(1) All devices are production tested at TA = +25°C and are guaranteed by design for TA = -40°C to +85°C.
(2) Digital timing is guaranteed by design, not production tested.
(3) Power-up time is the period of time from when the power supply is applied until the serial interface is ready for writing.


Número de pieza similar - CAT5126_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5126VP2I-00-GT3 CATALYST-CAT5126VP2I-00-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5126VP2I-00-GT3 ONSEMI-CAT5126VP2I-00-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
logo
Catalyst Semiconductor
CAT5126VP2I-10-GT3 CATALYST-CAT5126VP2I-10-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5126VP2I-10-GT3 ONSEMI-CAT5126VP2I-10-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
logo
Catalyst Semiconductor
CAT5126VP2I-50-GT3 CATALYST-CAT5126VP2I-50-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
More results

Descripción similar - CAT5126_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5126VP2I-10-GT3 ONSEMI-CAT5126VP2I-10-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
CAT5126 ONSEMI-CAT5126 Datasheet
628Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. D
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com