Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5132ZI-50-GT3 Datasheet(PDF) 3 Page - Catalyst Semiconductor

No. de pieza CAT5132ZI-50-GT3
Descripción Electrónicos  16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5132ZI-50-GT3 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT5132ZI-50-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT5132
3
Doc No. MD-2124, Rev. E
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
RECOMMENDED OPERATING CONDITIONS
VCC = +2.7V to +5.5V
V+ = +8.0V to +16V
Operating Temperature Range: -40˚C to +85˚C
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias....................-55˚C to +125˚C
Storage Temperature ........................ -65˚C to +150˚C
Voltage on any SDA, SCL, A0 & A1 pins with respect
to Ground (1) ................................. -0.3V to VCC + 0.3V
Voltage on RH, RL & RW pins with respect
to Ground ................................................................ V+
VCC with respect to Ground .................... -0.3V to +6V
V+ with respect to Ground ................. -0.3V to +16.5V
Wiper Current (10 sec) ...................................... +6mA
Lead Soldering temperature (10 sec) .............. +300˚C
POTENTIOMETER CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
Notes:
1. This parameter is tested initially and after a design or process change that affects the parameter.
2. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
3. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer.
4. LSB = (RHM - RLM)/127; where RHM and RLM are the highest and lowest measured values on the wiper terminal.
5. n = 1, 2, ..., 127
6. V+ @ RH; 0V @ RL; VW measured @ RW with no load.
COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods
may affect device performance and reliability.
Notes:
1.
Latch-up protection is provided for stresses up to 100mA on
address and data pins from -0.3V to VCC +0.3V.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T
s
t
i
m
i
L
s
t
i
n
U
n
i
Mp
y
Tx
a
M
R
T
O
P
k
0
0
1
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
Ω)0
0
1k
R
T
O
P
k
0
5
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
Ω)0
5k
R
T
O
P
k
0
1
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
Ω)0
1k
R
L
O
T
e
c
n
a
r
e
l
o
T
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
+ 0
2%
g
n
i
t
a
R
r
e
w
o
PC
°
5
20
5W
m
I
W
t
n
e
r
r
u
C
r
e
p
i
W
+3A
m
R
W
e
c
n
a
t
s
i
s
e
R
r
e
p
i
W
I
W =+
V
2
1
=
+
V
@
A
m
10
70
5
1
I
W =+
V
8
=
+
V
@
A
m
10
1
10
0
2
V
M
R
E
T
R
n
o
e
g
a
t
l
o
V
W
R
,
H
R
r
o
L
V
6
1
o
t
V
8
=
+
V
;
V
0
=
D
N
GD
N
G+
VV
S
E
Rn
o
i
t
u
l
o
s
e
R
8
7
.
0%
A
N
I
L
y
t
i
r
a
e
n
i
L
e
t
u
l
o
s
b
A
)
2
(
V
)
l
a
u
t
c
a
(
)
n
(
W
V
-
)
d
e
t
c
e
p
x
e
(
)
n
(
W
,
)
5
()
6
(
+1B
S
L
)
4
(
R
N
I
L
y
t
i
r
a
e
n
i
L
e
v
i
t
a
l
e
R
)
3
(
V
)
1
+
n
(
W
V
[
-
)
n
(
W
]
B
S
L
+
,
)
5
()
6
(
+ 5
.
0B
S
L
)
4
(
C
T
T
O
P
R
R
f
o
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
T
O
P
)
1
(
+
0
0
3C
°
/
m
p
p
C
T
o
i
t
a
R
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
c
i
r
t
e
m
o
i
t
a
R
)
1
(
0
3C
°
/
m
p
p
C
H C
/
L C
/
W
s
e
c
n
a
t
i
c
a
p
a
C
r
e
t
e
m
o
i
t
n
e
t
o
P
)
1
(
5
2
/
0
1
/
0
1F
p
c
fe
s
n
o
p
s
e
R
y
c
n
e
u
q
e
r
FR
T
O
P
k
0
5
=
4
.
0z
H
M


Número de pieza similar - CAT5132ZI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5132ZI-50-GT3 CATALYST-CAT5132ZI-50-GT3 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5132ZI-50-GT3 ONSEMI-CAT5132ZI-50-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5132ZI-50-GT3 ONSEMI-CAT5132ZI-50-GT3 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5132ZI-50-GT3 ONSEMI-CAT5132ZI-50-GT3 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
More results

Descripción similar - CAT5132ZI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
   15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com