Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT6218 Datasheet(PDF) 8 Page - Catalyst Semiconductor

No. de pieza CAT6218
Descripción Electrónicos  300mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6218 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT6218_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT6218_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT6218_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT6218_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT6218_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT6218_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT6218_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT6218_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT6218_08 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CAT6218
Doc. No. MD-10010 Rev. C
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWING
5-LEAD TSOT-23
(1)(2)
Notes:
(1) All dimensions are in millimeters, angles in degrees.
(2) Refer JEDEC MO-193.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
θ
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L
L2
SYMBOL
MIN
NOM
MAX
A1.00
A1
0.01
0.05
0.10
A2
0.80
0.87
0.90
b
0.30
0.45
c
0.12
0.15
0.20
D
2.90 BSC
E
2.80 BSC
E1
1.60 BSC
e0.95 TYP
L
0.30
0.40
0.50
L1
0.60 REF
L2
0.25 BSC
θ


Número de pieza similar - CAT6218_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT6218-150TDGT3 ONSEMI-CAT6218-150TDGT3 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218-150TDGT3 ONSEMI-CAT6218-150TDGT3 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Catalyst Semiconductor
CAT6218-180TD-GT3 CATALYST-CAT6218-180TD-GT3 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
ON Semiconductor
CAT6218-180TDGT3 ONSEMI-CAT6218-180TDGT3 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218-180TDGT3 ONSEMI-CAT6218-180TDGT3 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
More results

Descripción similar - CAT6218_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com