Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT6218-330TD-GT3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT6218-330TD-GT3
Descripción Electrónicos  300mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6218-330TD-GT3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT6218-330TD-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT6218-330TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT6218-330TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT6218-330TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT6218-330TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT6218-330TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT6218-330TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT6218-330TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT6218-330TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT6218
Doc. No. MD-10010 Rev. C
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS (shown for 2.85V output version)
VIN = 3.85V, IOUT = 100μA, CIN = COUT = 1μF, CBYP = 10nF, TA = 25°C unless otherwise specified.
Dropout Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.01.0
2.03.0
4.05.0
6.0
INPUT VOLTAGE [V]
100μA
300mA
Line Regulation
2.82
2.83
2.84
2.85
2.86
2.87
2.5
3.0
3.5 4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
Load Regulation
2.75
2.80
2.85
2.90
2.95
0
50
100 150 200 250 300
OUTPUT LOAD CURRENT [mA]
Output Voltage vs. Temperature
2.82
2.83
2.84
2.85
2.86
2.87
-40
-10
20
50
80
110 140
TEMPERATURE [°C]
Ground Current vs. Load Current
50
60
70
80
90
100
0
25
50
75
100 125 150
OUTPUT LOAD CURRENT [mA]
Ground Current vs. Temperature
45
50
55
60
65
-40
-10
20
50
80
110 140
TEMPERATURE [°C]


Número de pieza similar - CAT6218-330TD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT6218-330TD-GT3 CATALYST-CAT6218-330TD-GT3 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
More results

Descripción similar - CAT6218-330TD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com