Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5118TBI-00-T3 Datasheet(PDF) 7 Page - Catalyst Semiconductor

No. de pieza CAT5118TBI-00-T3
Descripción Electrónicos  32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5118TBI-00-T3 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT5118TBI-00-T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5118TBI-00-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5118TBI-00-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5118TBI-00-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5118TBI-00-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5118TBI-00-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5118TBI-00-T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT5118TBI-00-T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT5118TBI-00-T3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-2120 Rev. J
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWINGS
SC-70 6-Lead (SD)
(1)(2)
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC standard MS-203.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
θ
E1 E
D
A
L
L1
L2
ee
b
A1
A2
c
TOP VIEW
SIDE VIEW
END VIEW
θ1
θ1
SYMBOL
MIN
NOM
MAX
A
0.80
1.10
A1
0.00
0.10
A2
0.80
1.00
b
0.15
0.30
c
0.10
0.18
D
1.80
2.00
2.20
E
1.80
2.10
2.40
E1
1.15
1.25
1.35
e
0.65 BSC
L
0.26
0.36
0.46
L1
0.42 REF
L2
0.15 BSC
θ
θ1
10°


Número de pieza similar - CAT5118TBI-00-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5118TBI-00-T3 CATALYST-CAT5118TBI-00-T3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5118TBI-00-T3 CATALYST-CAT5118TBI-00-T3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5118TBI-00-T3 ONSEMI-CAT5118TBI-00-T3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5118TBI-00-T3 ONSEMI-CAT5118TBI-00-T3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118TBI-00-T3 ONSEMI-CAT5118TBI-00-T3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
More results

Descripción similar - CAT5118TBI-00-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com