Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA317T-XX-TR70 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

No. de pieza LA317T-XX-TR70
Descripción Electrónicos  1.0A Adustable Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LA317T-XX-TR70 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  LA317T-XX-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated LA317T-XX-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated LA317T-XX-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated LA317T-XX-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated LA317T-XX-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated LA317T-XX-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated LA317T-XX-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated LA317T-XX-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated LA317T-XX-TR70 Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.0A Adjustable Positive Voltage Regulator
Rev. A/DX 2007-06-04
LA317
www.taitroncomponents.com
Page 3 of 9
Absolute Maximum Ratings (Ta=25° C, unless otherwise specified)
Symbol
Description
Ratings
Unit
VIN-VOUT
Input - Output Voltage Differential
15
V
IO
Max. Output Current
1
A
TJ
Operating Junction Temperature
150
° C
TOPR
Operating Temperature Range
0 ~ 125
° C
TSTG
Storage Temperature Range
-65 ~ 150
° C
TLEAD
Lead Temperature (Soldering, 10sec.)
300
° C
ESD
ESD, Human Body Model (Max.)
4000
V
Electrical Characteristics
(Typicals and limits apply for TJ=25ºC, P≤ Maximum Power Dissipation unless otherwise specified)(Note)
LA317
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
VREF
Reference Input Voltage
1.20
1.25
1.30
V
10mA≤IOUT≤1A
3V
VIN-VOUT≤10V,
∆VOUT/VOUT Line Regulation
-
0.01
0.04
%/V
IOUT≤20mA, 3V≤VIN-VOUT≤10V,
∆VOUT
Load Regulation
-
0.2
0.4
%
VIN-VOUT=2V, 10mA≤IOUT≤1A
Thermal Regulation
0.04
0.07
%/W
20ms Pulse
∆V
Dropout Voltage
-
1.2
1.3
V
IOUT=1A
ILIMIT
Current Limit
1.2
1.5
1.8
A
VIN-VOUT=2V
IADJ
Adjustable Pin Current
-
50
100
µA
-
∆IADJ
Adjustable Pin Current
Change
-
0.2
5
µA
1.4V≤
VIN-VOUT≤10V,
10mA≤IOUT≤1A
IL(MIN)
Minimum Load Current
-
3.5
10
mA
3V≤
VIN-VOUT≤15V
PSRR
Ripple Rejection
60
75
-
dB
f=120Hz, COUT=1µF Tantalum,
VIN-VOUT=3V, IOUT=1A
-
Temperature Stability
-
1
-
%
-
-
Long Term Stability
-
0.3
-
%
TJ=125° C, 1000 Hours
-
RMS Output Noise (% of
VOUT)
-
0.003
-
%
TJ=25° C, 10Hz≤f≤10KHz


Número de pieza similar - LA317T-XX-TR70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LA317T-XX-TR70 ETC2-LA317T-XX-TR70 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
More results

Descripción similar - LA317T-XX-TR70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
LM317 TAITRON-LM317 Datasheet
375Kb / 8P
   Adustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
List of Unclassifed Man...
LA317 ETC2-LA317 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
logo
Infineon Technologies A...
IFX7805 INFINEON-IFX7805 Datasheet
1Mb / 18P
   Three Terminal 1.0A Positive Voltage Regulator
Rev. 1.0, 2013-07-15
logo
Tiger Electronic Co.,Lt...
LM7812F TGS-LM7812F Datasheet
266Kb / 1P
   3-Terminal 1.0A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com