Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM78LM05K-XX-TR70 Datasheet(PDF) 3 Page - TAITRON Components Incorporated |
|
LM78LM05K-XX-TR70 Datasheet(HTML) 3 Page - TAITRON Components Incorporated |
3 / 15 page 200mA Positive Voltage Regulator Rev. A/DX 2007-06-04 LM78LM www.taitroncomponents.com Page 3 of 15 Absolute Maximum Ratings Symbol Description Ratings Unit VOUT=5~9V 30 V VIN Input Voltage VOUT=12~24V 35 IOUT Output Current 200 mA SOP-8 300 SOT-223 350 SOT-89 350 TO-92 500 PD Power Dissipation TO-92L 500 mW TOPR Operating Junction Temperature Range -20 ~ 150 ° C TSTG Storage Temperature Range -55 ~ 150 ° C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. Electrical Characteristics For LM78LM05 (VIN=10V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO =0.1µF, unless otherwise specified) LM78LM05 Symbol Description Min. Typ. Max. Unit Test Conditions 4.80 5.0 5.20 V TJ=25℃ 4.75 - 5.25 V 7V≤VIN≤20V, IOUT=1mA-40mA VOUT Output Voltage 4.75 - 5.25 V 7V≤VIN≤VMAX, IOUT=1mA-200mA Power Dissipation<0.5W - 11 60 mV TJ=25℃, 1mA≤IOUT≤100mA ∆VOUT Load Regulation - 5.0 30 mV TJ=25℃, 1mA≤IOUT≤40mA - 8 150 mV TJ=25℃, 7V≤VIN≤20V ∆VOUT Line Regulation - 6 100 mV TJ=25℃, 8V≤VIN≤20V IQ Quiescent Current - 2.0 5.5 mA - - 1.5 mA 8V≤VIN≤20V ∆IQ Quiescent Current Change - - 0.1 mA 1mA≤IIN≤40mA eN Output Noise Voltage - 40 - µV 10Hz≤f≤100KHz ∆VO/∆T Temperature coefficient of VOUT - -0.65 - mV/℃ IOUT=5mA RR Ripple Rejection 41 80 - dB 8V≤VIN≤20V, f=120Hz, TJ=25℃ VD Dropout Voltage - 1.7 - V TJ=25℃ |
Número de pieza similar - LM78LM05K-XX-TR70 |
|
Descripción similar - LM78LM05K-XX-TR70 |