Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM358S8-XX-TR70 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

No. de pieza LM358S8-XX-TR70
Descripción Electrónicos  Dual Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM358S8-XX-TR70 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  LM358S8-XX-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated LM358S8-XX-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated LM358S8-XX-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated LM358S8-XX-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated LM358S8-XX-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated LM358S8-XX-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated LM358S8-XX-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated LM358S8-XX-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated LM358S8-XX-TR70 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Dual Operational Amplifier
Rev. A/DX 2007-06-04
LM358
www.taitroncomponents.com
Page 4 of 11
Fig.1- Input Voltage Range
Power Supply Voltage (V)
Fig.2- Input Current vs. Temperature
Temperature (° C)
LM358
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
-
0.8
2.0
RL=∞, VCC=30V
ICC
Power Supply Current
-
0.5
1.2
mA
RL=∞, Full Temperature
Range
II(OFF)
Input Offset Current
-
5
50
nA
-
IBIAS
Input Bias Current
-
45
250
nA
-
ISC
Short Circuit Current to
Ground
-
40
60
mA
-
ISOURCE
10
30
-
mA
VI(+)=1V, VI(-)=0V
VCC=15V, VO(P)=2V
10
15
-
mA
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=2V
ISINK
Output Current
12
100
-
µA
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=200mV
CMRR
Common Mode Rejection
Ratio
65
80
-
dB
-
PSRR
Power Supply Rejection
Ratio
65
100
-
dB
-
CS
Channel Separation
-
120
-
dB
f=1KHZ ~ 20KHZ
Typical Characteristics Curves


Número de pieza similar - LM358S8-XX-TR70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
STMicroelectronics
LM358S STMICROELECTRONICS-LM358S Datasheet
286Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Diodes Incorporated
LM358S-13 DIODES-LM358S-13 Datasheet
255Kb / 14P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358SN ONSEMI-LM358SN Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
LM358SNG ONSEMI-LM358SNG Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
More results

Descripción similar - LM358S8-XX-TR70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com