Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA6235EV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de Pieza. TA6235EV
Descripción  HCMOS/TTL (VC) TCXO Oscillator
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

TA6235EV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All Dimensions in mm.
TA61 (Thru Hole), TA62 (SMD) Series
HCMOS/TTL (VC) TCXO Oscillator
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Pin 1:
Control Voltage (Not present when Control Voltage is specified as “No Connect”
Pin 8:
Output
Pin 7:
Case Ground
Pin 14: Supply Voltage
11.7
±0.3
7.5
±0.3
18.3 ±0.3
1.70 TYP
1.5
±0.3
8
14
1
7
4.5 ±0.3
4.0 ±0.3
21.3
±0.5
4.0 ±0.3
Frequency
Adjust
PART NUMBERING GUIDE
Revision: 1996-C
TABLE 1
Operating
Temperature
Frequency Stability (±ppm)
* Denotes Availability of Options
Range
1.5ppm
2.0ppm
2.5ppm
3.0ppm
3.5ppm
5.0ppm
Code
15
20
25
30
35
50
0 to 50°C
A
*
*
*
*
*
*
-10 to 60°C
B
*
*
*
*
*
*
-20 to 70°C
C
*
*
*
*
*
*
-30 to 60°C
D
*
*
*
*
*
-30 to 75°C
E
*
*
*
*
*
-35 to 85°C
F
*
*
*
*
-40 to 80°C
G
*
*
*
8
14
1
7
18.3
±0.5
Frequency
11.7
±0.5
4.0 ±0.3
2.5 ±0.3
4.5
±0.3
5.0 ±0.3
.45 +0.05
/-0 (X4)
1.2 +0/-0.5
7.5
±0.3
15.0 ±0.4
ELECTRICAL SPECIFICATIONS
Environmental/Mechanical Specifications on page F5
Frequency Range
9.600MHz to 35.000MHz
Operating Temperature Range
See Table 1 Above.
Storage Temperature Range
-40°C to 85°C
Supply Voltage
3.3 VDC ±5% / 5.0 VDC ±5%
Load Drive Capability
10TTL Load or 15pF HCMOS Load Maximum
Internal Trim (Top of Can)
±3ppm Minimum
Control Voltage (External)
2.5Vdc ±2.0Vdc
Positive Transfer Characteristics
Frequency Deviation
±5ppm Minimum Over Control Voltage
Aging (@ 25°C)
±1ppm / year Maximum
Input Current / Duty Cycle / Rise and Fall Time
30mA Maximum / 50±10% / 5nSeconds Maximum
Output Voltage Logic High (Voh)
w/TTL Load
w/HCMOS Load
2.4Vdc Minimum
Vdd –.05Vdc Minimum
Output Voltage Logic Low (Vol)
w/TTL Load
w/HCMOS Load
0.4Vdc Maximum
0.5Vdc Maximum
Frequency Stability
Vs. Operating Temperature
See Table 1 Above.
Vs. Inpput Voltage (±5%)
±0.3ppm Maximum
Vs. Load (±2pF)
±0.3ppm Maximum
TA62 3 20 C V 30.000MHz
Pin One Connection
Blank = No Connection
V = External Control Voltage
Operating Temperature
See Table 1 for Code/Range
Package
TA61 = Thru Hole
TA62 = SMD
Inclusive Stability
See Table 1 for Code/Tolerance
Supply Voltage
3 = 3.3 VDC ±5%
Blank = 5.0 VDC ±5%
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn