Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA06-600B Datasheet(PDF) 4 Page - SemiWell Semiconductor

No. de pieza BTA06-600B
Descripción Electrónicos  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIWELL [SemiWell Semiconductor]
Página de inicio  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

BTA06-600B Datasheet(HTML) 4 Page - SemiWell Semiconductor

  BTA06-600B Datasheet HTML 1Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 2Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 3Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 4Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 5Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-50
0
50
100
150
0.1
1
10
I
_
GT3
I
+
GT1
I
_
GT1
Junction Temperature [
oC]
10
-2
10
-1
10
0
10
1
10
2
1
10
Time (sec)
4/6
Fig 8. Transient Thermal Impedance
Fig 7. Gate Trigger Current vs.
Junction Temperature
Fig 9. Gate Trigger Characteristics Test Circuit
▼▲
A
V
10Ω
6V
RG
▼▲
A
V
10Ω
6V
RG
▼▲
A
V
10Ω
6V
RG
Test Procedure Ⅰ
Test Procedure Ⅱ
Test Procedure Ⅲ
BTA06-600B


Número de pieza similar - BTA06-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA06-600B STMICROELECTRONICS-BTA06-600B Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
logo
List of Unclassifed Man...
BTA06-600B ETC1-BTA06-600B Datasheet
645Kb / 6P
   Bi-Directional Triode Thyristor
logo
STMicroelectronics
BTA06-600B STMICROELECTRONICS-BTA06-600B Datasheet
64Kb / 5P
   STANDARD TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA06-600B JIEJIE-BTA06-600B Datasheet
578Kb / 5P
   6A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA06-600B TGS-BTA06-600B Datasheet
93Kb / 1P
   6A TRIACS
More results

Descripción similar - BTA06-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com