Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2425J5050A00 Datasheet(PDF) 1 Page - Anaren Microwave

No. de pieza BD2425J5050A00
Descripción Electrónicos  Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425J5050A00 Datasheet(HTML) 1 Page - Anaren Microwave

  BD2425J5050A00 Datasheet HTML 1Page - Anaren Microwave BD2425J5050A00 Datasheet HTML 2Page - Anaren Microwave BD2425J5050A00 Datasheet HTML 3Page - Anaren Microwave BD2425J5050A00 Datasheet HTML 4Page - Anaren Microwave BD2425J5050A00 Datasheet HTML 5Page - Anaren Microwave BD2425J5050A00 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2425J5050A00
Rev B
Ultra Low Profile 0805 Balun
50Ω to 50Ω Balanced
Description
The BD2425J5050A00 is a low profile sub-miniature balanced to unbalanced
transformer designed for differential inputs and output locations on next generation
wireless chipsets in an easy to use surface mount package covering 802.11b+g+n.
The BD2425J5050A00 is ideal for high volume manufacturing and is higher
performance than traditional ceramic and lumped element baluns. The
BD2425J5050A00 has an unbalanced port impedance of 50
Ω and a 50Ω balanced
port impedance. This transformation enables single ended signals to be applied to
differential ports on modern semiconductors. The output ports have equal amplitude
(-3dB) with 180 degree phase differential. The BD2425J5050A00 is available on
tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25
°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2400
2500
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
50
Return Loss
14
17
dB
Insertion Loss*
0.8
0.9
dB
Amplitude Balance
0.35
0.5
dB
Phase Balance
1
5
Degrees
CMRR
dB
Power Handling
2
Watts
Features:
• 2400 – 2400 MHz
• 0.7mm Height Profile
• 50 Ohm to 2 x 25 Ohm
• 802.11 b+g +n Compliant
• Low Insertion Loss
• Input to Output DC Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
.049±.004
[1.25±0.10]
.079±.004
[2.00±0.10]
1
2
3
6
5
4
Bottom View (Far-side)
Side View
Top View (Near-side)
.027±.002
[0.70±0.05]
6X .012
[0.30]
+ RF GND
Pin
3
6
1
2
4
5
Designation
Unbalanced Port
GND / DC Feed
Balanced Port
Balanced Port
GND
NC
Orientation
Marker Denotes
Pin Location
Orientation
Marker Denotes
Pin Location
.026 [0.65]
6X .009
[0.22]
.039 [0.98]


Número de pieza similar - BD2425J5050A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
BD2425J50100AHF ANAREN-BD2425J50100AHF Datasheet
213Kb / 5P
   Ultra Low Profile 0805 Balun
BD2425J50200A00 ANAREN-BD2425J50200A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD2425J50200AHF ANAREN-BD2425J50200AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
More results

Descripción similar - BD2425J5050A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
BD2130J5050A00 ANAREN-BD2130J5050A00 Datasheet
297Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
BD0810J50100A00 ANAREN-BD0810J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD0810J50150A00 ANAREN-BD0810J50150A00 Datasheet
227Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 150廓 Balanced
BD0810J50200A00 ANAREN-BD0810J50200A00 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1222J50200A00 ANAREN-BD1222J50200A00 Datasheet
231Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD2425J50200A00 ANAREN-BD2425J50200A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD0826J50200A00 ANAREN-BD0826J50200A00 Datasheet
316Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1631J50100A00 ANAREN-BD1631J50100A00 Datasheet
300Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD1722J50150A00 ANAREN-BD1722J50150A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 150廓 Balanced
BD1722J50200A00 ANAREN-BD1722J50200A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com