Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE3297-44.736 Datasheet(PDF) 1 Page - Crystek Corporation

No. de pieza NE3297-44.736
Descripción Electrónicos  Clock Oscillator 14 Pin Dip, 5V, HCMOS/TTL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYSTEKCRYSTAL [Crystek Corporation]
Página de inicio  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

NE3297-44.736 Datasheet(HTML) 1 Page - Crystek Corporation

  NE3297-44.736 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-02072 Rev. B
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 14
pin 7
pin 8
O/P Load
incl Probe Cl
OUT
High Impedance
GND or "LOW"
Oscillation
OPEN or "HIGH"
GND
OUT
Vdd
Specifications subject to change without notice.
Aging:
Designed to meet today's
requirements for low jitter
applications. The oscillator
utilizes fundamental and 3rd
overtone crystal technology.
No multiplier is used
thereby reducing output
jitter.
Part Number
Freq. Stability
+/-100ppm
+/- 50ppm
+/- 25ppm
+/- 20ppm
+/- 10ppm
N*3290
N*3292
N*3291
N 3298
N 3297
Crystek Part Number Guide
Example: N3292-44.736
Extended Temp: NE3292-44.736
Symmetry 40/60%
Part Number
Freq. Stability
+/-100ppm
+/- 50ppm
+/- 25ppm
+/- 20ppm
+/- 10ppm
N*3990
N*3992
N*3991
N 3998
N 3997
Symmetry 45/55%
N= 0°C to 70°C
*NE= -40°C to 85°C
14 Pin Dip,
5V, HCMOS/TTL
N32xx Model
Function pin 1
Output pin
Open
"1" level 2.4V Min
"0" level 0.4V Max
Active
Active
High Z
Tri-State Function
1.544MHz to 125MHz
±10ppm to ±100ppm
0°C to 70°C
-40°C to 85°C
-55°C to 120°C
5V ± 0.5V
40mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
45/55% Max
4ns Typ, 6ns Max
"0" = 10% Vdd Max
"1" = 90% Vdd Min
50pF/10TTL Max
5ps Typ, 10ps Max
Frequency Range:
Frequency Stability:
Temperature Range:
Operating:
(Option)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
(Option)
Rise/Fall Time:
Logic:
Load:
Jitter RMS:
.750
(19.05)
.820
(20.83)
.450
(11.43)
.520
(13.21)
CRYSTEK
Part Number
Frequency
Date Code
.600
(15.24)
.300
(7.62)
1
14
7
8
.300
(7.62)
.260
(6.60)
<3ppm 1st/yr, 1ppm every year thereafter
17
Clock Oscillator
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Número de pieza similar - NE3297-44.736

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NE32900 NEC-NE32900 Datasheet
23Kb / 1P
   SCHEMATIC
logo
Renesas Technology Corp
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
logo
NEC
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
Renesas Technology Corp
NE32984D RENESAS-NE32984D Datasheet
207Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1995
logo
NEC
NE32984D-S NEC-NE32984D-S Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results

Descripción similar - NE3297-44.736

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystek Corporation
CCO-014014S CRYSTEKCRYSTAL-CCO-014014S Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
S32XX CRYSTEKCRYSTAL-S32XX Datasheet
105Kb / 1P
   Clock Oscillator 8 Pin Dip, 5V, HCMOS/TTL
logo
MTRONPTI
MHO++ MTRONPTI-MHO+_07 Datasheet
408Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHO MTRONPTI-MHO Datasheet
261Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHO++ MTRONPTI-MHO+ Datasheet
236Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHO3 MTRONPTI-MHO3_07 Datasheet
326Kb / 1P
   14 pin DIP, 3.3 Volt, HCMOS/TTL, Clock Oscillator
MHO3 MTRONPTI-MHO3 Datasheet
251Kb / 2P
   14 pin DIP, 3.3 Volt, HCMOS/TTL, Clock Oscillator
logo
Crystek Corporation
CVXO-014014S CRYSTEKCRYSTAL-CVXO-014014S Datasheet
118Kb / 1P
   Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip, 5V, HCMOS/TTL
logo
Connor-Winfield Corpora...
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
HC54R8RG CONNOR-WINFIELD-HC54R8RG Datasheet
168Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com