Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7950SDBTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7950SDBTR
Descripción Electrónicos  12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS7950SDBTR Datasheet(HTML) 3 Page - Texas Instruments

  ADS7950SDBTR Datasheet HTML 1Page - Texas Instruments ADS7950SDBTR Datasheet HTML 2Page - Texas Instruments ADS7950SDBTR Datasheet HTML 3Page - Texas Instruments ADS7950SDBTR Datasheet HTML 4Page - Texas Instruments ADS7950SDBTR Datasheet HTML 5Page - Texas Instruments ADS7950SDBTR Datasheet HTML 6Page - Texas Instruments ADS7950SDBTR Datasheet HTML 7Page - Texas Instruments ADS7950SDBTR Datasheet HTML 8Page - Texas Instruments ADS7950SDBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
ADS7950, ADS7951, ADS7952, ADS7953
ADS7954, ADS7955, ADS7956, ADS7957
ADS7958, ADS7959, ADS7960, ADS7961
www.ti.com ...................................................................................................................................................................................................... SLAS605 – JUNE 2008
ORDERING INFORMATION - 10-BIT
MAXIMUM
MAXIMUM
NO MISSING
NUMBER
TRANSPORT
PACKAGE
INTEGRAL
DIFFERENTIAL
CODES AT
PACKAGE
TEMPERATURE
ORDERING
MODEL
OF
MEDIA
LINEARITY
LINEARITY
RESOLUTION
DESIGNATOR
RANGE
INFORMATION
TYPE
CHANNELS
QTY
(LSB)
(LSB)
(BIT)
ADS7957SDBT
Tube, 50
ADS7957 S
16
38 pin TSSOP
ADS7957SDBTR
Reel, 2000
ADS7956SDBT
Tube, 50
ADS7956 S
12
38 pin TSSOP
ADS7956SDBTR
Reel, 2000
±0.5
±0.5
10
DBT
–40°C to 125°C
ADS7955SDBT
Tube, 60
ADS7955 S
8
30 pin TSSOP
ADS7955SDBTR
Reel, 2000
ADS7954SDBT
Tube, 60
ADS7954 S
4
30 pin TSSOP
ADS7954SDBTR
Reel, 2000
ORDERING INFORMATION - 8-BIT
MAXIMUM
MAXIMUM
NO MISSING
TRANSPORT
PACKAGE
INTEGRAL
DIFFERENTIAL
CODES AT
NUMBER OF
PACKAGE
TEMPERATURE
ORDERING
MODEL
MEDIA
LINEARITY
LINEARITY
RESOLUTION
CHANNELS
DESIGNATOR
RANGE
INFORMATION
TYPE
QTY
(LSB)
(LSB)
(BIT)
ADS7961SDBT
Tube, 50
ADS7961 S
16
38 pin TSSOP
ADS7961SDBTR
Reel, 2000
ADS7960SDBT
Tube, 50
ADS7960 S
12
38 pin TSSOP
ADS7960SDBTR
Reel, 2000
±0.3
±0.3
8
DBT
–40°C to 125°C
ADS7959SDBT
Tube, 60
ADS7959 S
8
30 pin TSSOP
ADS7959SDBTR
Reel, 2000
ADS7958SDBT
Tube, 60
ADS7958 S
4
30 pin TSSOP
ADS7958SDBTR
Reel, 2000
VALUE
UNIT
AINP or CHn to AGND
–0.3 to +VA +0.3
V
+VA to AGND, +VBD to BDGND
–0.3 to +7.0
V
Digital input voltage to BDGND
–0.3 to (7.0)
V
Digital output to BDGND
–0.3 to (+VA + 0.3)
V
Operating temperature range
–40 to 125
°C
Storage temperature range
–65 to 150
°C
Junction temperature (TJ Max)
150
°C
Power dissipation
(TJ Max–TA)/θJA
TSSOP package
θ
JA Thermal impedance
100.6
°C/W
ADS79XX family of devices are rated for MSL2 260°C per the JSTD-020
specifications
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS7950, ADS7951, ADS7952, ADS7953 ADS7954, ADS7955, ADS7956, ADS7957 ADS7958,
ADS7959, ADS7960, ADS7961


Número de pieza similar - ADS7950SDBTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7950SDBTR TI1-ADS7950SDBTR Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SDBTR TI1-ADS7950SDBTR Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SDBTR TI1-ADS7950SDBTR Datasheet
2Mb / 70P
[Old version datasheet]   Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SDBTRG4 TI1-ADS7950SDBTRG4 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SDBTRG4 TI1-ADS7950SDBTRG4 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Descripción similar - ADS7950SDBTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Texas Instruments
ADS7950-Q1 TI1-ADS7950-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com