Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1158IRTCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1158IRTCR
Descripción Electrónicos  16-Channel, 16-Bit Analog-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS1158IRTCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1158IRTCR Datasheet HTML 3Page - Texas Instruments ADS1158IRTCR Datasheet HTML 4Page - Texas Instruments ADS1158IRTCR Datasheet HTML 5Page - Texas Instruments ADS1158IRTCR Datasheet HTML 6Page - Texas Instruments ADS1158IRTCR Datasheet HTML 7Page - Texas Instruments ADS1158IRTCR Datasheet HTML 8Page - Texas Instruments ADS1158IRTCR Datasheet HTML 9Page - Texas Instruments ADS1158IRTCR Datasheet HTML 10Page - Texas Instruments ADS1158IRTCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
PARAMETER MEASUREMENT INFORMATION
SCLK
CS
(1)
DIN
DOUT
t
SCLK
t
CSSC
t
SPW
t
DIST
t
DIHD
t
SPW
t
CSDO
Hi-Z
Hi-Z
t
CSPW
t
DOPD
t
DOHD
DRDY
DOUT
t
DRDY
t
DDO
ADS1158
www.ti.com ............................................................................................................................................................. SBAS429A – JUNE 2008 – REVISED JUNE 2008
(1) CS can be tied low.
Figure 1. Serial Interface Timing
SERIAL INTERFACE TIMING CHARACTERISTICS
At TA= –40°C to +105°C and DVDD = 2.7V to 5.25V, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
tSCLK
SCLK period
2
τ
CLK
(1)
tSPW
SCLK high or low pulse width (exceeding max resets SPI interface)
0.8
4096(2)
τ
CLK
tCSSC
CS low to first SCLK: setup time(3)
2.5
τ
CLK
tDIST
Valid DIN to SCLK rising edge: setup time
10
ns
tDIHD
Valid DIN to SCLK rising edge: hold time
5
ns
tDOPD
SCLK falling edge to valid new DOUT: propagation delay(4)
20
ns
tDOHD
SCLK falling edge to old DOUT invalid: hold time
0
ns
tCSDO
CS high to DOUT invalid (3-state)
5
τ
CLK
tCSPW
CS pulse width high
2
τ
CLK
(1)
τ
CLK = master clock period = 1/fCLK.
(2)
Programmable to 256
τ
CLK.
(3)
CS can be tied low.
(4)
DOUT load = 20pF || 100k
Ω to DGND.
Figure 2. DRDY Update Timing
DRDY UPDATE TIMING CHARACTERISTICS
SYMBOL
DESCRIPTION
TYP
UNITS
tDRDY
DRDY high pulse width without data read
1
τ
CLK
tDDO
Valid DOUT to DRDY falling edge (CS = 0)
0.5
τ
CLK
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1158


Número de pieza similar - ADS1158IRTCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1158IRTCR TI1-ADS1158IRTCR Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158IRTCRG4 TI1-ADS1158IRTCRG4 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
More results

Descripción similar - ADS1158IRTCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com