Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2358RGZR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2358RGZR
Descripción Electrónicos  TPS2358 Dual-Slot ATCA AdvancedMC??Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2358RGZR Datasheet(HTML) 2 Page - Texas Instruments

  TPS2358RGZR Datasheet HTML 1Page - Texas Instruments TPS2358RGZR Datasheet HTML 2Page - Texas Instruments TPS2358RGZR Datasheet HTML 3Page - Texas Instruments TPS2358RGZR Datasheet HTML 4Page - Texas Instruments TPS2358RGZR Datasheet HTML 5Page - Texas Instruments TPS2358RGZR Datasheet HTML 6Page - Texas Instruments TPS2358RGZR Datasheet HTML 7Page - Texas Instruments TPS2358RGZR Datasheet HTML 8Page - Texas Instruments TPS2358RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS2358
SLUS820D – FEBRUARY 2008 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
DEVICE
TEMPERATURE
PACKAGE(2)
ORDERING CODE
TPS2358
-40°C to 85°C
QFN48
TPS2358RGZ
(1)
Add an R suffix to the device type for tape and reel.
(2)
For the most current package and ordering information see the Package Option Addendum at the end of this document or see the TI
Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
VALUE
Unit
PASSx, BLKx
0 to 30
IN12x, OUT12x, SENPx, SENMx, SETx, EN12x, FLTx, PGx, ORENx
0 to 17
V
IN3x, OUT3x, EN3x, VDDx, CTx, SUMx
0 to 5
AGND, GNDx
–0.3 to 0.3
FLTx, PGx
5
SUMx
5
mA
VINT
–1 to 1
OUT3x
Internally limited
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device under any conditions beyond those indicated under recommended operating conditions is
neither implied nor guaranteed. Exposure to absolute maximum rated conditions for extended periods of time may affect device
reliability.
TEST METHOD
MIN
UNITS
Human Body Model (HBM)
2
kV
Charged Device Model (CDM)
0.5
PACKAGE
θ
JA - High-k (°C/W)
QFN48 - RGZ
29.1
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNITS
VIN12x
12-V input supply
8.5
12
15
VIN3x
3.3-V input supply
3
3.3
4
V
VVDD3x
3.3-V input supply
3
3.3
4
IOUT3x
3.3-V output current
165
mA
ISUMx
Summing pin current
100
1000
µA
PASSx pin board leakage current
-1
1
VINT bypass capacitance
1
10
250
nF
TJ
Operating junction temperature range
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2358


Número de pieza similar - TPS2358RGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
More results

Descripción similar - TPS2358RGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
logo
Emerson Network Power
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
Advantech Co., Ltd.
ATCA-7310 ADVANTECH-ATCA-7310 Datasheet
1Mb / 1P
   Dual CN6880 ATCA Node Blade with 40GbE Switch
logo
Lineage Power Corporati...
PIM300FZ LINEAGEPOWER-PIM300FZ Datasheet
635Kb / 20P
   ATCA Board Power Input Modules
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Intersil Corporation
ISL6112 INTERSIL-ISL6112 Datasheet
671Kb / 31P
   Dual Slot PCI-Express Power Controller
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com