Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5481IRGCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS5481IRGCT
Descripción Electrónicos  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS5481IRGCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5481IRGCT Datasheet HTML 2Page - Texas Instruments ADS5481IRGCT Datasheet HTML 3Page - Texas Instruments ADS5481IRGCT Datasheet HTML 4Page - Texas Instruments ADS5481IRGCT Datasheet HTML 5Page - Texas Instruments ADS5481IRGCT Datasheet HTML 6Page - Texas Instruments ADS5481IRGCT Datasheet HTML 7Page - Texas Instruments ADS5481IRGCT Datasheet HTML 8Page - Texas Instruments ADS5481IRGCT Datasheet HTML 9Page - Texas Instruments ADS5481IRGCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ADS5481
ADS5482, ADS5483
SLAS565 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (ADS5481, ADS5482, ADS5483) (continued)
Typical values at TA = +25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = +85°C,
sampling rate = Max Rated, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3-VPP differential clock, unless otherwise noted.
ADS5481
ADS5482
ADS5483
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fIN = 10 MHz
TBD
103
TBD
96
87
110
fIN = 30 MHz
TBD
100
TBD
98
87
100
HD3
Third-harmonic
fIN = 70 MHz
94
93
96
dBc
fIN = 100 MHz
92
93
88
fIN = 130 MHz
88
fIN = 10 MHz
TBD
100
TBD
98
87
97
fIN = 30 MHz
TBD
98
TBD
98
87
97
Worst harmonic/spur
fIN = 70 MHz
96
97
98
dBc
(other than HD2 and HD3)
fIN = 100 MHz
96
94
97
fIN = 130 MHz
96
fIN = 10 MHz
TBD
96
TBD
94
84
97
fIN = 30 MHz
TBD
94
TBD
93
84
94
THD
Total harmonic distortion
fIN = 70 MHz
93
88
91
dBc
fIN = 100 MHz
88
92
86
fIN = 130 MHz
83
fIN = 10 MHz
TBD
80
TBD
79.3
75
77.9
fIN = 30 MHz
TBD
79.5
TBD
79.3
75
77.8
SINAD
Signal-to-noise and distortion
fIN = 70 MHz
78.9
78.2
77.4
dBc
fIN = 100 MHz
77.8
78
76.6
fIN = 130 MHz
76
fIN1 = 29.5 MHz, fIN2 = 30.5
MHz, each at –7 dBFS,
103
101
100
worst spur
IMD
Two-tone SFDR
dBFS
fIN1 = 102 MHz, fIN2 = 103
MHz, each at –7 dBFS,
90
worst spur
Effective number of bits
fIN = 10 MHz (from SINAD
TBD
13
TBD
12.9
12.16
12.6
in dBc)
ENOB
Bits
fIN = 30 MHz (from SINAD
TBD
12.9
TBD
12.9
12.16
12.6
in dBc)
RMS idle-channel noise
analog inputs shorted
1.8
1.8
2.2
LSBrms
together
LVDS DIGITAL OUTPUTS
Assumes a 100
Ω differential
247
350
454
247
350
454
247
350
454
mV
VOD
Differential output voltage (±)
load on each LVDS pair and
LVDS bias = 3.5 mA
Common-mode output
1.125
1.375
1.125
1.375
1.125
1.375
V
VOC
voltage
DIGITAL INPUTS
VIH
High Level Input Voltage
2.0
2.0
2.0
V
VIL
Low Level Input Voltage
0.8
0.8
0.8
V
IIH
High Level Input Current
PDWNF, PDWNS, DITHER
1
1
1
µA
IIL
Low Level Input Current
-1
-1
-1
µA
Input Capacitance
2
2
2
pF
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482, ADS5483


Número de pieza similar - ADS5481IRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5481IRGCT TI-ADS5481IRGCT Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481IRGCT TI-ADS5481IRGCT Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
More results

Descripción similar - ADS5481IRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com