Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62270 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS62270
Descripción Electrónicos  2.25 MHz 400-mA Step Down Converter With Selectable VOUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62270 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62270_08 Datasheet HTML 6Page - Texas Instruments TPS62270_08 Datasheet HTML 7Page - Texas Instruments TPS62270_08 Datasheet HTML 8Page - Texas Instruments TPS62270_08 Datasheet HTML 9Page - Texas Instruments TPS62270_08 Datasheet HTML 10Page - Texas Instruments TPS62270_08 Datasheet HTML 11Page - Texas Instruments TPS62270_08 Datasheet HTML 12Page - Texas Instruments TPS62270_08 Datasheet HTML 13Page - Texas Instruments TPS62270_08 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2
2.5
3
3.5
4
4.5
5
5.5
6
EN=GND
V
-InputVoltage-V
IN
T =85 C
A
º
T =25 C
A
º
T =-40 C
A
º
V
-InputVoltage-V
IN
8
10
12
14
16
18
20
2
2.5
3
3.5
4
4.5
5
5.5
6
T =85 C
A
º
T =25 C
A
º
T =-40 C
A
º
EN=VIN,
DeviseNotSwitching
0
0.1
0.2
0.3
0.4
0.7
0.8
2
2.5
3
3.5
4
4.5
5
HighSideSwitch
0.5
0.6
V
-InputVoltage-V
IN
T =85 C
A
º
T =-40 C
A
º
T =25 C
A
º
0
0.05
0.1
0.15
0.2
0.35
0.4
2
2.5
3
3.5
4
4.5
5
0.25
0.3
V
-InputVoltage-V
IN
T =85 C
A
º
T =-40 C
A
º
LowSideSwitch
T =25 C
A
º
TPS62270
TPS62273
SLVS799B – NOVEMBER 2007 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
QUIESCENT CURRENT
SHUTDOWN CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 17.
Figure 18.
STATIC DRAIN SOURCE ON-STATE RESISTANCE
STATIC DRAIN SOURCE ON-STATE RESISTANCE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62270 TPS62273


Número de pieza similar - TPS62270_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results

Descripción similar - TPS62270_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com