Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8519IDBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8519IDBR
Descripción Electrónicos  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IDBR Datasheet(HTML) 3 Page - Texas Instruments

  ADS8519IDBR Datasheet HTML 1Page - Texas Instruments ADS8519IDBR Datasheet HTML 2Page - Texas Instruments ADS8519IDBR Datasheet HTML 3Page - Texas Instruments ADS8519IDBR Datasheet HTML 4Page - Texas Instruments ADS8519IDBR Datasheet HTML 5Page - Texas Instruments ADS8519IDBR Datasheet HTML 6Page - Texas Instruments ADS8519IDBR Datasheet HTML 7Page - Texas Instruments ADS8519IDBR Datasheet HTML 8Page - Texas Instruments ADS8519IDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ADS8519
SLAS462A – JUNE 2007 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, fs = 250kSPS, and VDIG = VANA = 5V, using internal reference (unless otherwise specified).
ADS8519I
ADS8519IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DC ACCURACY
INL
Integral linearity error
–3
3
–1.5
1.5
LSB(2)
DNL
Differential linearity error
–2
2
–1
1
LSB
No missing codes
15
16
Bits
Transition noise(3)
0.67
0.67
LSB
±10V range
Internal reference
–0.5
0.5
–0.25
0.25
Full-scale
%FSR
error(4)(5)
All other ranges
Internal reference
–0.5
–0.05
0.5
–0.5
–0.05
0.5
Full-scale error drift
Internal reference
±7
±7
ppm/
°C
±10V range
External reference
–0.05
0.003
0.05
–0.05
0.003
0.05
Full-scale
%FSR
error(4)(5)
All other ranges
External reference
–0.5
0.5
–0.5
0.5
Full-scale error drift
External reference
±2
±2
ppm/
°C
Bipolar zero error(4)
–4
4
–2
2
mV
Bipolar zero error drift
±2
±2
ppm/
°C
Unipolar zero
8.192V
–20
6
20
–20
6
20
mV
error(4)
Unipolar zero error drift
±0.4
±0.4
ppm/
°C
Recovery to rated accuracy after
1
µF capacitor to CAP
1
1
ms
power down
Power supply sensitivity
+4.75V < VD < +5.25V
–8
8
–8
8
LSB
(VDIG = VANA = VD)
AC ACCURACY
SFDR
Spurious-free dynamic range
fI = 20kHz
95
100
97
100
dB(6)
THD
Total harmonic distortion
fI = 20kHz
–96
–94
–98
–96
dB
fI = 20kHz
87
91
90
92
dB
SINAD
Signal-to-(noise+distortion)
–60dB Input
30
32
dB
SNR
Signal-to-noise ratio
fI = 20kHz
88
92
91
93
dB
Full-power bandwidth(7)
500
500
kHz
SAMPLING DYNAMICS
Aperture delay
5
5
ns
Transient response
FS step
2
2
µs
Overvoltage recovery(8)
150
150
ns
REFERENCE
Internal reference voltage
No load
4.076
4.096
4.116
4.076
4.096
4.116
V
Internal reference source current
1
1
µA
(must use external buffer)
Internal reference drift
8
8
ppm/
°C
External reference voltage range
2.5
4.096
4.1
2.5
4.096
4.1
V
for specified linearity
External reference current drain
External 4.096V ref.
100
100
µA
(2)
LSB means Least Significant Bit. For the ±10V input range, one LSB is 305
µV.
(3)
Typical rms noise at worst-case transitions and temperatures.
(4)
As measured with circuit shown in Figure 29 and Figure 30.
(5)
For bipolar input ranges, full-scale error is the worst case of –Full-Scale or +Full-Scale uncalibrated deviation from ideal first and last
code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. For unipolar
input ranges, full-scale error is the deviation of the last code transition divided by the transition voltage. It also includes the effect of
offset error.
(6)
All specifications in dB are referred to a full-scale ±10V input.
(7)
Full-power bandwidth is defined as the full-scale input frequency at which signal-to-(noise + distortion) degrades to 60dB.
(8)
Recovers to specified performance after 2 x FS input overvoltage.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8519


Número de pieza similar - ADS8519IDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8519IDBR TI-ADS8519IDBR Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IDBR TI1-ADS8519IDBR Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IDBRG4 TI1-ADS8519IDBRG4 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8519IDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com