Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD1NB50 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STD1NB50
Descripción Electrónicos  N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD1NB50 Datasheet(HTML) 4 Page - STMicroelectronics

  STD1NB50 Datasheet HTML 1Page - STMicroelectronics STD1NB50 Datasheet HTML 2Page - STMicroelectronics STD1NB50 Datasheet HTML 3Page - STMicroelectronics STD1NB50 Datasheet HTML 4Page - STMicroelectronics STD1NB50 Datasheet HTML 5Page - STMicroelectronics STD1NB50 Datasheet HTML 6Page - STMicroelectronics STD1NB50 Datasheet HTML 7Page - STMicroelectronics STD1NB50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations
STD1NB50
4/8


Número de pieza similar - STD1NB50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
STD1NB50 VBSEMI-STD1NB50 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Descripción similar - STD1NB50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?줚I MOSFET
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
STD2NC50 STMICROELECTRONICS-STD2NC50 Datasheet
442Kb / 10P
   N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh?줚I MOSFET
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
   N-CHANNEL 500V - 1.3??- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
STP2NC70Z STMICROELECTRONICS-STP2NC70Z Datasheet
634Kb / 13P
   N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH?줚II MOSFET
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
   N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
   N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
   N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH??MOSFET
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
   N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com