Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2050D4YZKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2050D4YZKR
Descripción Electrónicos  1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 2:1 INPUT MUX
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA2050D4YZKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2050D4YZKR Datasheet HTML 6Page - Texas Instruments TPA2050D4YZKR Datasheet HTML 7Page - Texas Instruments TPA2050D4YZKR Datasheet HTML 8Page - Texas Instruments TPA2050D4YZKR Datasheet HTML 9Page - Texas Instruments TPA2050D4YZKR Datasheet HTML 10Page - Texas Instruments TPA2050D4YZKR Datasheet HTML 11Page - Texas Instruments TPA2050D4YZKR Datasheet HTML 12Page - Texas Instruments TPA2050D4YZKR Datasheet HTML 13Page - Texas Instruments TPA2050D4YZKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
PO − Output Power − W
0.001
0.01
0.1
10
0.01
0.1
1
100
G010
10
1
f = 1 kHz
Gain = 6 dB
RL = 8 Ω + 33 µH
Stereo Differential
VSupply = 2.5 V
VSupply = 3 V
VSupply = 5 V
VSupply = 3.6 V
PO − Output Power − W
0.001
0.01
0.1
10
0.01
0.1
1
100
G011
10
1
f = 1 kHz
Gain = 6 dB
RL = 8 Ω + 33 µH
Stereo Single-Ended
VSupply = 2.5 V
VSupply = 3 V
VSupply = 5 V
VSupply = 3.6 V
PO − Output Power − W
0.0001
0.001
0.01
1
0.001
0.01
1
100
G012
10
0.1
f = 1 kHz
Gain = 6 dB/HP = 0 dB
RL = 16 Ω
Stereo Differential
VSupply = 2.5 V
VSupply = 3 V
0.1
VSupply = 3.6 V
VSupply = 5 V
PO − Output Power − W
0.0001
0.001
0.01
1
0.001
0.01
1
100
G013
10
0.1
f = 1 kHz
Gain = 6 dB/HP = 0 dB
RL = 16 Ω
Stereo Single-Ended
VSupply = 2.5 V
VSupply = 3 V
0.1
VSupply = 3.6 V
VSupply = 5 V
PO − Output Power − W
0.0001
0.001
0.01
1
0.001
0.01
1
100
G014
10
0.1
f = 1 kHz
Gain = 6 dB/HP = 0 dB
RL = 32 Ω
Stereo Differential
VSupply = 2.5 V
VSupply = 3 V
0.1
VSupply = 3.6 V
VSupply = 5 V
PO − Output Power − W
0.0001
0.001
0.01
1
0.001
0.01
1
100
G015
10
0.1
f = 1 kHz
Gain = 6 dB/HP = 0 dB
RL = 32 Ω
Stereo Single-Ended
VSupply = 2.5 V
VSupply = 3 V
0.1
VSupply = 3.6 V
VSupply = 5 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G016
20
100
1k
20k
10k
Gain = 0 dB
RL = 8 Ω + 33 µH
Stereo Differential
Input Level = 0.2 Vpp
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
VDD = 3 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G017
20
100
1k
20k
10k
Gain = 0 dB
RL = 8 Ω + 33 µH
Stereo Single-Ended
Input Level = 0.2 Vpp
VDD = 3 V
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G018
20
100
1k
20k
10k
Gain = 0 dB/HP Gain = 0 dB
RL = 32 Ω
Stereo Differential
Input Level = 0.2 Vpp
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
VDD = 3 V
TPA2050D4
SLOS544 – JULY 2008....................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTIC GRAPHS (continued)
CI= 1µF, Cbypass= 1µF
TOTAL HARMONIC
TOTAL HARMONIC
TOTAL HARMONIC
DISTORTION+NOISE (SP)
DISTORTION+NOISE (SP)
DISTORTION+NOISE (HP)
vs
vs
vs
POWER
POWER
POWER
Figure 15.
Figure 16.
Figure 17.
TOTAL HARMONIC
TOTAL HARMONIC
TOTAL HARMONIC
DISTORTION+NOISE (HP)
DISTORTION+NOISE (HP)
DISTORTION+NOISE (HP)
vs
vs
vs
POWER
POWER
POWER
Figure 18.
Figure 19.
Figure 20.
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
(SP)
(SP)
(HP)
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 21.
Figure 22.
Figure 23.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2050D4


Número de pieza similar - TPA2050D4YZKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
TPA2051D3YFFR TI-TPA2051D3YFFR Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
TPA2051D3YFFT TI-TPA2051D3YFFT Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
TPA2054D4 TI1-TPA2054D4 Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
More results

Descripción similar - TPA2050D4YZKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2054D4 TI1-TPA2054D4 Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Texas Instruments
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6045A4C TI-TPA6045A4C Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com