Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73501DRBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS73501DRBR
Descripción Electrónicos  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS73501DRBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73501DRBR Datasheet HTML 3Page - Texas Instruments TPS73501DRBR Datasheet HTML 4Page - Texas Instruments TPS73501DRBR Datasheet HTML 5Page - Texas Instruments TPS73501DRBR Datasheet HTML 6Page - Texas Instruments TPS73501DRBR Datasheet HTML 7Page - Texas Instruments TPS73501DRBR Datasheet HTML 8Page - Texas Instruments TPS73501DRBR Datasheet HTML 9Page - Texas Instruments TPS73501DRBR Datasheet HTML 10Page - Texas Instruments TPS73501DRBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
10 s/div
m
V
OUT
V
EN
C
=10 F
OUT
m
C
=2.2 F
OUT
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
-
10 s/div
m
V
EN
V
OUT
C
=2.2 F
OUT
m
C
=10 F
OUT
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
-
10 s/div
m
200mV/div
200mV/div
200mV/div
500mA/div
V
OUT
V
OUT
I
OUT
C
=470 FOSCON
OUT
m
C
=10 F
OUT
m
C
=2.2 F
OUT
m
V
=3.0V
IN
500mA
1mA
10 s/div
m
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
1.0
-
V
IN =EN
V
OUT
R =5W
L
10 s/div
m
50mV/div
50mV/div
50mV/div
0.5V/div
V
OUT
V
OUT
V
OUT
V
OUT
V
IN
C
=470 FOSCON
OUT
m
C
=10 F
OUT
m
C
=2.2 F
OUT
m
4V
3V
TPS735xx
www.ti.com........................................................................................................................................................ SBVS087C – JUNE 2008 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73501, VOUT = 2.8V. Typical values are at TJ =
+25°C.
TPS73525
TURN-ON RESPONSE
TPS73525
(VIN = VEN)
EN RESPONSE OVER STABLE VIN
Figure 15.
Figure 16.
TPS73525
POWER-UP/POWER-DOWN
(VIN = VEN)
TPS73525 LOAD TRANSIENT RESPONSE
Figure 17.
Figure 18.
TPS73525 LINE TRANSIENT RESPONSE
Figure 19.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7


Número de pieza similar - TPS73501DRBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73501DRBR TI-TPS73501DRBR Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Descripción similar - TPS73501DRBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com