Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP121 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADP121
Descripción Electrónicos  150 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP121 Datasheet HTML 4Page - Analog Devices ADP121 Datasheet HTML 5Page - Analog Devices ADP121 Datasheet HTML 6Page - Analog Devices ADP121 Datasheet HTML 7Page - Analog Devices ADP121 Datasheet HTML 8Page - Analog Devices ADP121 Datasheet HTML 9Page - Analog Devices ADP121 Datasheet HTML 10Page - Analog Devices ADP121 Datasheet HTML 11Page - Analog Devices ADP121 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP121
Rev. 0 | Page 8 of 20
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 2.30
VIN = 2.50
VIN = 3.00
VIN = 3.50
VIN = 4.20
VIN = 5.50
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
120
140
160
180
100
80
60
40
20
0
1
10
100
1000
ILOAD (mA)
TA = 25°C
VOUT = 3.3V
VOUT = 2.5V
Figure 12. Dropout Voltage vs. Load Current, TSOT
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
VIN (V)
VOUT = 3.3V
TA = 25°C
VOUT @ 1mA
VOUT @ 10mA
VOUT @ 20mA
VOUT @ 50mA
VOUT @ 100mA
VOUT @ 150mA
Figure 13. Output Voltage vs. Input Voltage (In Dropout), TSOT
100
80
60
40
140
120
20
0
1
10
100
1000
ILOAD (mA)
TA = 25°C
VOUT = 3.3V
VOUT = 2.5V
Figure 14. Dropout Voltage vs. Load Current, WLCSP
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
VIN (V)
VOUT = 3.3V
TA = 25°C
VOUT @ 1mA
VOUT @ 10mA
VOUT @ 20mA
VOUT @ 50mA
VOUT @ 100mA
VOUT @ 150mA
Figure 15. Output Voltage vs. Input Voltage (In Dropout), WLCSP
60
50
40
30
20
10
0
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
VIN (V)
VOUT = 3.3V
TA = 25°C
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 20mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
Figure 16. Ground Current vs. Input Voltage (In Dropout)


Número de pieza similar - ADP121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
122Kb / 5P
   Low Power, Long Range, ISM Wireless Measuring Node
REV. A
ADP121 AD-ADP121 Datasheet
170Kb / 7P
   Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for High Speed, Low Power, and Single 3.3 V Supply
REV. 0
ADP121 AD-ADP121 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP121-ACBZ12R7 AD-ADP121-ACBZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP121-ACBZ15R7 AD-ADP121-ACBZ15R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
More results

Descripción similar - ADP121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com