Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADUM5202 Datasheet(PDF) 4 Page - Analog Devices |
|
ADUM5202 Datasheet(HTML) 4 Page - Analog Devices |
4 / 23 page ADuM5200/5201/5202 Preliminary Technical Data Rev. PrA| Page 4 of 23 Parameter Symbol Min Typ Max Unit Test Conditions Pulse-Width Distortion, |tPLH − tPHL|11 PWD 6 ns CL = 15 pF, CMOS signal levels Change vs. Temperature 5 ps/ °C CL = 15 pF, CMOS signal levels Propagation Delay Skew16 tPSK 15 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Codirectional Channels17 tPSKCD 6 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Opposing-Directional Channels17 tPSKCD 15 ns CL = 15 pF, CMOS signal levels Output Rise/Fall Time (10% to 90%) tR/tF 2.5 ns CL = 15 pF, CMOS signal levels Common-Mode Transient Immunity at Logic High Output |CMH| 25 35 kV/μs VIx = VDD or VISO, VCM = 1000 V, transient magnitude = 800 V Common-Mode Transient Immunity at Logic Low Output |CML| 25 35 kV/μs VIx = 0 V, V = 1000 V, transient magnitude = 800 V Refresh Rate fr 1.0 Mbps 1 All voltages are relative to their respective ground. 2 The contributions of supply current values for all four channels are combined at identical data rates. 3 VISO supply current available for external use when all data rates are below 2Mbps. At data rates above 2Mbps data I/O channels will draw additional current proportional to the data rate. Additional supply current associated with an individual channel operating at a given data rate may be calculated as described in the Power Consumption section. The dynamic I/O channel load must be treated as an external load and be included in the VISO power budget. 4 The power demands of the quiescent operation of the data channels cannot be separated from the power supply section. Efficiency includes the quiescent power consumed by the I/O channels as part of its internal power consumption. 5 IDD1(Q) is the minimum operating current drawn at the VDD1 pin when there is no external load at VISO and the I/O pins are operating below 2Mbps, requiring no additional dynamic supply current. It reflects the minimum current operating condition. 6 IDD1(D) is the typical input supply current with all channels simultaneously driven at maximum data rate of 25Mbps with full capacitive load representing the maximum dynamic load conditions. Resistive loads on the outputs should be treated separately from the dynamic load. 7 This current is available for driving external loads at the VISO pin. All channels are simultaneously driven at maximum data rate of 25Mbps with full capacitive load representing the maximum dynamic load conditions. Refer to Power Consumption section for calculation of available current at less than maximum data rate. 8 IDD1(MAX) is the input current under full dynamic and VISO load conditions. 9 The minimum pulse width is the shortest pulse width at which the specified pulse-width distortion is guaranteed. 10 The maximum data rate is the fastest data rate at which the specified pulse-width distortion is guaranteed. 11 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal. 12 tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 13 Channel-to-channel matching is the absolute value of the difference in propagation delays between the two channels when operated with identical loads. |
Número de pieza similar - ADUM5202 |
|
Descripción similar - ADUM5202 |