Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSR13D226M Datasheet(PDF) 6 Page - Cornell Dubilier Electronics |
|
CSR13D226M Datasheet(HTML) 6 Page - Cornell Dubilier Electronics |
6 / 7 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type CSR13 (MIL-C-39003/01) Solid Tantalum Capacitors Ratings * Failure rate level indicator (M, P, R, S) + D failure rate: Not QPL for +8305 thru +8401 + C failure rate: Not QPL for +7390 thru +7401 MIL-C-39003/1 (CSR13) Dash Numbers Max. Exponential Failure Rate Weibull Failure Rate Max DF (% per 1000 hours) (% per 1000 hours) Catalog Cap Case DCL @ +25 ºC 'M' 'P' 'R' 'S' 'B' 'C' 'D' Cap Part Number Tol. ± Code @ +25 ºC 120 Hz Level Level Level Level Level Level Level (µF) (%) (µA) (%) (1.0) (.10) (.01) (.001) (.10) (.01) (.001) 75 WVdc @ +85 ºC — 50 WVdc @ +125 ºC 0.56 CSR13H564K* 10 A 0.3 2 2396 2636 2876 3116 6260 7260 8260 0.68 CSR13H684K* 10 A 0.3 2 2397 2637 2877 3117 6262 7262 8262 0.82 CSR13H824K* 10 B 0.3 2 2399 2639 2879 3119 6265 7265 8265 1.0 CSR13H105K* 10 B 0.3 2 2400 2640 2880 3120 6267 7267 8267 1.0 CSR13H105M* 20 B 0.3 2 2401 2641 2881 3121 6268 7268 8268 1.2 CSR13H125K* 10 B 0.3 4 2402 2642 2882 3122 6270 7270 8270 1.5 CSR13H155K* 10 B 0.6 4 2403 2643 2883 3123 6272 7272 8272 1.5 CSR13H155M* 20 B 0.6 4 2404 2644 2884 3124 6273 7273 8273 1.8 CSR13H185K* 10 B 0.7 4 2405 2645 2885 3125 6275 7275 8275 2.2 CSR13H225K* 10 B 0.8 4 2406 2646 2886 3126 6277 7277 8277 2.2 CSR13H225M* 20 B 0.8 4 2407 2647 2887 3127 6278 7278 8278 2.7 CSR13H275K* 10 B 1.0 4 2408 2648 2888 3128 6280 7280 8280 3.3 CSR13H335K* 10 B 1.2 4 2409 2649 2889 3129 6282 7282 8282 3.3 CSR13H335M* 20 B 1.2 4 2410 2650 2890 3130 6283 7283 8283 3.9 CSR13H395K* 10 B 1.5 4 2411 2651 2891 3131 6285 7285 8285 4.7 CSR13H475K* 10 C 3 4 2412 2652 2892 3132 6287 7287 8287 4.7 CSR13H475M* 20 C 3 4 2413 2653 2893 3133 6288 7288 8288 5.6 CSR13H565K* 10 C 3 4 2414 2654 2894 3134 6290 7290 8290 6.8 CSR13H685K* 10 C 5 4 2415 2655 2895 3135 6292 7292 8292 6.8 CSR13H685M* 20 C 5 4 2416 2656 2896 3136 6293 7293 8293 8.2 CSR13H825K* 10 C 5 4 2417 2657 2897 3137 6295 7295 8295 10 CSR13H106K* 10 C 5 4 2418 2658 2898 3138 6297 7297 8297 10 CSR13H106M* 20 C 5 4 2419 2659 2899 3139 6298 7298 8298 12 CSR13H126K* 10 D 5 4 2420 2660 2900 3140 6300 7300 8300 15 CSR13H156K* 10 D 7 4 2421 2661 2901 3141 6302 7302 8302 15 CSR13H156M* 20 D 7 4 2422 2662 2902 3142 6303 7303 8303 100 WVdc @ +85 ºC — 67 WVdc @ +125 ºC 0.0047 CSR13J472K* 10 A 0.3 2 2423 2663 2903 3143 6305 7305 +8305 0.0047 CSR13J472M* 20 A 0.3 2 2424 2664 2904 3144 6306 7306 +8306 0.0056 CSR13J562K* 10 A 0.3 2 2425 2665 2905 3145 6308 7308 +8308 0.0068 CSR13J682K* 10 A 0.3 2 2426 2666 2906 3146 6310 7310 +8310 0.0068 CSR13J682M* 20 A 0.3 2 2427 2667 2907 3147 6311 7311 +8311 0.0082 CSR13J822K* 10 A 0.3 2 2428 2668 2908 3148 6313 7313 +8313 0.010 CSR13J103K* 10 A 0.3 2 2429 2669 2909 3149 6315 7315 +8315 0.010 CSR13J103M* 20 A 0.3 2 2430 2670 2910 3150 6316 7316 +8316 0.012 CSR13J123K* 10 A 0.3 2 2431 2671 2911 3151 6318 7318 +8318 |
Número de pieza similar - CSR13D226M |
|
Descripción similar - CSR13D226M |