Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD2NB50-1 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STD2NB50-1
Descripción Electrónicos  N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NB50-1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD2NB50-1 Datasheet HTML 2Page - STMicroelectronics STD2NB50-1 Datasheet HTML 3Page - STMicroelectronics STD2NB50-1 Datasheet HTML 4Page - STMicroelectronics STD2NB50-1 Datasheet HTML 5Page - STMicroelectronics STD2NB50-1 Datasheet HTML 6Page - STMicroelectronics STD2NB50-1 Datasheet HTML 7Page - STMicroelectronics STD2NB50-1 Datasheet HTML 8Page - STMicroelectronics STD2NB50-1 Datasheet HTML 9Page - STMicroelectronics STD2NB50-1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
STD2NB50/STD2NB50-1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E


Número de pieza similar - STD2NB50-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD2NB25 STMICROELECTRONICS-STD2NB25 Datasheet
274Kb / 9P
   N - CHANNEL 250V - 1.7ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
   N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
228Kb / 11P
   N-CHANNEL 600V - 3.3OHM - 2.6A DPAK/IPAK PowerMESHTM MOSFET
STD2NB60-1 STMICROELECTRONICS-STD2NB60-1 Datasheet
228Kb / 11P
   N-CHANNEL 600V - 3.3OHM - 2.6A DPAK/IPAK PowerMESHTM MOSFET
More results

Descripción similar - STD2NB50-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
   N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
May 1999
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
   N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
STD2NC50 STMICROELECTRONICS-STD2NC50 Datasheet
442Kb / 10P
   N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh?줚I MOSFET
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
   N-CHANNEL 500V - 1.3??- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
   N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?줚I MOSFET
STD1NB50 STMICROELECTRONICS-STD1NB50 Datasheet
87Kb / 8P
   N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
   N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
   N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
   N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com