Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
066271U300JS2 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics |
|
066271U300JS2 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics |
3 / 6 page Ratings 7.5 Vdc (9 Vdc Surge) (cont’d) 47000 066R473U7R5JS2 0.042 0.024 6.2 7.0 1 X 3 1/8 47000 066X473U7R5JP2 0.049 0.028 3.7 4.3 1 X 2 5/8 56000 0662563U7R5JT2 0.037 0.022 6.9 7.8 1 X 3 5/8 56000 066X563U7R5JS2 0.042 0.024 4.3 4.9 1 X 3 1/8 68000 066X683U7R5JT2 0.037 0.022 4.9 5.5 1 X 3 5/8 10 Vdc (12 Vdc Surge) 1200 066122U010FE2 0.520 0.281 0.67 0.86 5/8 X 1 1/8 1800 066182U010GE2 0.340 0.185 0.84 1.1 3/4 X 1 1/8 2700 066272U010FJ2 0.260 0.141 1.1 1.4 5/8 X 1 5/8 3900 066392U010GJ2 0.170 0.096 1.4 1.8 3/4 X 1 5/8 3900 066R392U010GE2 0.340 0.185 1.2 1.5 3/4 X 1 1/8 4700 066X472U010GE2 0.340 0.185 0.84 1.1 3/4 X 1 1/8 5600 066562U010HJ2 0.120 0.065 1.8 2.2 7/8 X 1 5/8 6800 066682U010GP2 0.094 0.052 3.5 4.3 3/4 X 2 5/8 8200 066822U010HL2 0.081 0.045 2.5 3.1 7/8 X 2 1/8 8200 066R822U010GJ2 0.170 0.096 2.0 2.5 3/4 X l 5/8 10000 066X103U010GJ2 0.170 0.096 1.4 1.8 3/4 X 1 5/8 12000 066123U010HJ2 0.120 0.065 2.6 3.1 7/8 X 1 5/8 12000 066123U010JL2 0.063 0.036 3.0 3.5 1 X 2 1/8 15000 066153U010HS2 0.053 0.03 3.7 4.4 7/8 X 3 1/8 15000 066X153U010HJ2 0.120 0.065 1.8 2.2 7/8 X l 5/8 18000 066LR183U010HL2 0.081 0.045 3.6 4.3 7/8 X 2 1/8 18000 066183U010JP2 0.050 0.029 3.7 4.3 1 X 2 5/8 22000 066223U010JS2 0.042 0.024 4.3 4.9 1 X 3 1/8 22000 066X223U010HL2 0.081 0.045 2.5 3.1 7/8 X 2 1/8 27000 066273U010JT2 0.037 0.022 4.9 5.5 1 X 3 5/8 27000 066R273U010JL2 0.063 0.036 4.3 5.0 1 x 2 1/8 33000 066R333U010JP2 0.049 0.028 5.3 6.1 1 x 2 5/8 33000 066X333U010JL2 0.063 0.036 3.0 3.5 1 x 2 1/8 39000 066X393U010JP2 0.049 0.028 3.7 4.3 1 x 2 5/8 47000 066R473U010JS2 0.042 0.024 6.2 7.0 1 x 3 1/8 47000 066X473U010JS2 0.042 0.024 4.3 4.9 1 x 3 l/8 56000 066R563U010JT2 0.037 0.022 6.9 7.8 1 x 3 5/8 56000 066X563U010JT2 0.037 0.022 4.9 5.5 1 x 3 5/8 16 Vdc (20 Vdc Surge) 1000 066102U016FE2 0.520 0.281 0.67 0.86 5/8 X 1 1/8 1500 066152U016GE2 0.340 0.185 0.84 1.1 3/4 X 1 1/8 2200 066222U016FJ2 0.260 0.141 1.1 1.4 5/8 X 1 5/8 2700 066R272U016GE2 0.340 0.185 1.2 1.5 4/4 X 1 1/8 3300 066332U016GJ2 0.170 0.096 1.4 1.8 3/4 X l 5/8 3300 066X332U016GE2 0.340 0.185 0.84 1.1 3/4 x 1 l/8 4700 066472U016HJ2 0.120 0.065 1.8 2.2 7/8 x 1 5/8 5600 066R562U016GJ2 0.170 0.096 2.0 2.5 3/4 x 1 5/8 5600 066562U016GP2 0.094 0.052 3.5 4.3 3/4 x 2 5/8 6800 066682U016HL2 0.081 0.045 2.5 3.1 7/8 x 2 1/8 6800 066X682U016GJ2 0.170 0.096 1.4 1.8 3/4 x 1 5/8 8200 066R822U016HJ2 0.120 0.065 2.6 3.1 7/8 x 1 5/8 10000 066103U016JL2 0.063 0.036 3.0 3.5 1 x 2 1/8 10000 066X103U016HJ2 0.120 0.065 1.8 2.2 7/8 x 1 5/8 12000 066123U016HS2 0.053 0.03 3.7 4.4 7/8 x 3 1/8 12000 066R123U016HL2 0.081 0.045 3.6 4.3 7/8 x 2 1/8 15000 066153U016JP2 0.050 0.029 3.7 4.3 1 x 2 5/8 15000 066X153U016HL2 0.081 0.045 2.5 3.1 7/8 x 2 1/8 18000 066183U016JS2 0.042 0.024 4.3 4.9 1 x 3 1/8 18000 066R183U016JL2 0.063 0.036 4.3 5.0 1 x 2 1/8 6.3 Vdc (8 Vdc Surge) 1800 066182U6R3FE2 0.520 0.281 0.68 0.86 5/8 X 1 1/8 2700 066272U6R3GE2 0.340 0.185 0.85 1.1 3/4 X 1 1/8 3900 066392U6R3FJ2 0.260 0.141 1.10 1.4 5/8 X 1 5/8 4700 066472U6R3HE2 0.230 0.126 1.10 1.3 7/8 X 1 1/8 5600 066562U6R3GJ2 0.170 0.096 1.40 1.8 3/4 X 1 5/8 5600 066R562U6R3GE2 0.340 0.185 1.20 1.5 3/4 X 1 1/8 5600 066X562U6R3GE2 0.340 0.185 0.85 1.1 3/4 X 1 1/8 6800 066682U6R3JE2 0.180 0.104 1.30 1.5 1 X 1 1/8 8200 066822U6R3HJ2 0.120 0.065 1.80 2.2 7/8 X 1 5/8 10000 066103U6R3FS2 0.110 0.06 2.50 3.0 5/8 X 3 1/8 10000 066R103U6R3GJ2 0.170 0.096 2.00 2.5 3/4 X 1 5/8 12000 066123U6R3GP2 0.093 0.052 3.50 4.3 3/4 X 2 5/8 12000 066X123U6R3GJ2 0.170 0.096 1.40 1.8 3/4 X 1 5/8 15000 066153U6R3HL2 0.080 0.045 2.60 3.1 7/8 X 2 1/8 15000 066R153U6R3HJ2 0.120 0.065 2.60 3.1 7/8 X 1 5/8 18000 066183U6R3JL2 0.062 0.036 3 3.5 1 x 2 1/8 18000 066X183U6R3HJ2 0.120 0.065 1.8 2.2 7/8 x 1 5/8 22000 066223U6R3HS2 0.052 0.03 3.8 4.4 7/8 x 3 1/8 22000 066R223U6R3HL2 0.080 0.045 3.6 4.3 7/8 x 2 1/8 27000 066273U6R3JP2 0.049 0.029 3.7 4.3 1 x 2 5/8 27000 066X273U6R3HL2 0.080 0.045 2.6 3.1 7/8 x 2 1/8 33000 066333U6R3JS2 0.042 0.024 4.4 4.9 1 x 3 1/8 33000 066R333U6R3JL2 0.062 0.036 4.3 5.0 1 x 2 1/8 33000 066X333U6R3JL2 0.062 0.036 3 3.5 1 x 2 1/8 39000 066393U6R3JT2 0.037 0.022 4.9 5.5 1 x 3 5/8 47000 066R473U6R3JP2 0.049 0.028 5.3 6.1 1 X 2 5/8 47000 066X473U6R3JP2 0.049 0.028 3.8 4.3 1 X 2 5/8 56000 066R563U6R3JS2 0.041 0.024 6.2 7.0 1 X 3 1/8 56000 066X563U6R3JS2 0.041 0.024 4.4 4.9 1 X 3 1/8 68000 066R683U6R3JT2 0.037 0.022 7.0 7.8 1 X 3 5/8 68000 066X683U6R3JT2 0.037 0.022 4.9 5.5 1 X 3 5/8 7.5 Vdc (9 Vdc Surge) 1800 066182U7R5FE2 0.520 0.281 0.67 0.86 5/8 X 1 1/8 2700 066272U7RSGE2 0.340 0.185 0.84 1.1 3/4 X 1 1/8 3300 066332U7R5FJ2 0.260 0.141 1.10 1.4 5/8 X 1 5/8 3900 066392U7R5HE2 0.230 0.126 1.10 1.3 7/8 X 1 1/8 4700 066R472U7R5GE2 0.340 0.185 1.20 1.5 3/4 X 1 1/8 5600 066562U7R5GJ2 0.170 0.096 1.40 1.8 3/4 X 1 5/8 5600 066X562U7R5GE2 0.340 0.185 0.84 1.1 3/4 X 1 1/8 8200 066822U7R5FS2 0.110 0.06 2.40 3.0 5/8 X 3 1/8 8200 066822U7R5HJ2 0.120 0.065 1.80 2.2 7/8 X 1 5/8 10000 066103U7R5GP2 0.094 0.052 3.50 4.3 3/4 X 2 5/8 10000 066R103U7R5GJ2 0.170 0.096 2.00 2.5 3/4 X 1 5/8 12000 066123U7R5HL2 0.081 0.045 2.50 3.1 7/8 X 2 1/8 15000 066R153U7R5HJ2 0.120 0.065 2.60 3.1 7/8 X 1 5/8 15000 066X153U7R5HJ2 0.120 0.065 1.80 2.2 7/8 X 1 5/8 18000 066183U7R5JL2 0.063 0.036 3.00 3.5 1 X 2 1/8 22000 066223U7R5JP2 0.050 0.029 3.70 4.3 1 X 2 5/8 22000 066R223U7R5HL2 0.081 0.045 3.60 4.3 7/8 X 2 1/8 22000 066X223U7R5HL2 0.081 0.045 2.50 3.1 7/8 X 2 1/8 27000 066273U7R5JS2 0.042 0.024 4.30 4.9 1 X 3 1/8 33000 066333U7R5JT2 0.037 0.022 4.90 5.5 1 X 3 5/8 33000 066R333U7R5JL2 0.063 0.036 4.30 5.0 1 X 2 1/8 33000 066X333U7R5JL2 0.063 0.036 3.00 3.5 1 X 2 1/8 39000 066R393U7RSJP2 0.049 0.028 5.30 6.1 1 X 2 5/8 Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum Ripple A Nominal Cap. Catalog ESR Max. Ω @ 85 °C Size (in) Part Number 120 Hz 20 kHz 120 Hz 20 kHz D x L Ripple A Nominal Cap. Catalog ESR Max. Ω @ 85 °C Size (in) Part Number 120 Hz 20 kHz 120 Hz 20 kHz D x L CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com ( F) ( F) |
Número de pieza similar - 066271U300JS2 |
|
Descripción similar - 066271U300JS2 |