Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSR13H474K Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

No. de pieza CSR13H474K
Descripción Electrónicos  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDE [Cornell Dubilier Electronics]
Página de inicio  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR13H474K Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CSR13H474K Datasheet HTML 1Page - Cornell Dubilier Electronics CSR13H474K Datasheet HTML 2Page - Cornell Dubilier Electronics CSR13H474K Datasheet HTML 3Page - Cornell Dubilier Electronics CSR13H474K Datasheet HTML 4Page - Cornell Dubilier Electronics CSR13H474K Datasheet HTML 5Page - Cornell Dubilier Electronics CSR13H474K Datasheet HTML 6Page - Cornell Dubilier Electronics CSR13H474K Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR13 (MIL-C-39003/01) Solid Tantalum Capacitors
125 ºC, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
Type CSR13 (MIL-C-39003/01) military grade, ax-
ial leaded, solid tantalum capacitors are hermetically
sealed for rugged environmental applications. They
are miniature in size and are available in graded failure
rate levels.
Highlights
Hermetically Sealed
Graded Failure Rates
Low DC Leakage
Long Shelf Life
Low DF
Temperature Stable
Frequency Stable
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Reverse Voltage (Non-continuous)
DC Leakage:
Capacitance Change Maximum:
Maximum Power Dissipation @ +25 ºC:
.0047 to 330 µF
6 to 100 WVdc at +85 ºC
±10%, ±20%, (±5% by special order)
–55 to +125 ºC
15% of rated voltage @ +25 ºC
5% of rated voltage @ +85 ºC
1% of rated voltage @ +125 ºC
At +25 ºC – See ratings limit
At +85 ºC – 10 x ratings limit
At +125 ºC – 12.5 x ratings limit
–10% @ –55ºC
+8% @ +85 ºC
+12% @ +125 ºC
Case Code
Watts
A
0.090
B
0.100
C
0.125
D
0.180
Outline Drawing
Case Sizes
Case
Code
Uninsulated
Insulated
D
L
D
L
d
Quantity
±.005
±.031
±.010
±.031
C
±.001
Per
(±.13)
(±.79)
(±.25)
(±.79)
Maximum
(±.03)
Reel
A
.125 (3.18)
.250 (6.35)
.135 (3.43)
.286 (7.26)
.422 (10.72)
.020 (.51)
3,500
B
.175 (4.45)
.438 (11.13)
.185 (4.70)
.474 (12.04)
.610 (15.49)
.020 (.51)
2,500
C
.279 (7.09)
.650 (16.51)
.289 (7.34)
.686 (17.42)
.822 (20.88)
.025 (.64)
500
D
.341 (8.66)
.750 (19.05)
.351 (8.92)
.786 (19.96)
.922 (23.42)
.025 (.64)
400
1.500
.250
(38.1
6.35)
1.500
.250
(38.1
6.35)
C
L
D
d
+


Número de pieza similar - CSR13H474K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
CSR13B553JA KEMET-CSR13B553JA Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JB KEMET-CSR13B553JB Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JC KEMET-CSR13B553JC Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JD KEMET-CSR13B553JD Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JM KEMET-CSR13B553JM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
More results

Descripción similar - CSR13H474K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cornell Dubilier Electr...
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com