Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDR815TX Datasheet(PDF) 2 Page - Solid States Devices, Inc |
|
SDR815TX Datasheet(HTML) 2 Page - Solid States Devices, Inc |
2 / 2 page Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SDR803 Thru SDR817 Electrical Characteristics 4/ Symbol Value Units Maximum Instantaneous Forward Voltage Drop ( IF =100Adc, TA = 25 ºC, 300-500μs Pulse) SDR803 – 806 SDR807 – 810 SDR811 – 814 SDR815 – 817 VF1 1.00 1.50 1.85 1.90 VDC Maximum Instantaneous Forward Voltage Drop ( IF =100Adc, TA = -55 ºC, 300-500μs Pulse) SDR803 – 806 SDR807 – 810 SDR811 – 814 SDR815 – 817 VF2 1.10 1.60 1.95 2.00 VDC Maximum Reverse Leakage Current (Rated VR, 300μs minimum pulse) TA = 25 ºC TA = 100 ºC IR1 IR2 100 10 μA mA Maximum Reverse Recovery Time (I F = 500 mA, IR = 1 Amp, IRR = 250 mA) TA = 25 ºC tRR 60 nsec Maximum Junction Capacitance (VR = 10VDC, TA = 25ºC, f = 1MHz) CJ 700 pF Notes: 1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Recovery Conditions: IF = 500 mA, IR = 1 Amp, IRR = 250 mA. 4/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25°C. Table 1- PIN ASSIGNMENT Code Configuration Terminal Stud __ Normal Anode Cathode R Reverse Cathode Anode DO-5 Outline (Normal Pin Configuration Shown): NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RU0059G DOC |
Número de pieza similar - SDR815TX |
|
Descripción similar - SDR815TX |