Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDR814TXV Datasheet(PDF) 1 Page - Solid States Devices, Inc

No. de pieza SDR814TXV
Descripción Electrónicos  100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSDI [Solid States Devices, Inc]
Página de inicio  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR814TXV Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR814TXV Datasheet HTML 1Page - Solid States Devices, Inc SDR814TXV Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR
__ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Pin Configuration __ = Normal
(Cathode to Stud)
(See Table 1)
R = Reverse (Anode to Stud)
Family/Voltage
803 = 50V
804 = 100V
805 = 150V
806 = 200V
807 = 250V
808 = 300V
809 = 350V
810 = 400V
811 = 500V
812 = 600V
813 = 700V
814 = 800V
815 = 900V
816 = 1000V
817 = 1100V
SDR803
Thru
SDR817
100A, 60nsec, 50-1100 V
Ultra Fast Recovery Rectifier
Features:
Fast Recovery: 60nsec Maximum
Low Forward Voltage Drop
Low Reverse Leakage Current
Single Chip Construction
PIV to 1100 Volts
Hermetically Sealed
For High Efficiency Applications
TX, TXV, and S-Level Screening Available 2/
Maximum Ratings 4/
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage @ 100µA
SDR803
SDR804
SDR805
SDR806
SDR807
SDR808
SDR809
SDR810
SDR811
SDR812
SDR813
SDR814
SDR815
SDR816
SDR817
VRRM
VRWM
VR
50
100
150
200
250
300
350
400
500
600
700
800
900
1000
1100
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
100
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
SDR803 – 806
SDR807 – 809
SDR810 – 814
SDR815 – 817
IFSM
1000
800
700
600
Amps
Operating & Storage Temperature
TOP & TSTG
-55 to +175
ºC
Thermal Resistance (Junction to Case)
RθJC
0.85
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 500 mA, IR = 1 Amp, IRR = 250 mA.
4/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25°C.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0059G
DOC


Número de pieza similar - SDR814TXV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SDR814 SSDI-SDR814 Datasheet
39Kb / 2P
   100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR814N SSDI-SDR814N Datasheet
187Kb / 2P
   100AMP 500-800 VOLTS ISOLATED FLAT PACK HYPER FAST RECTIFIER
SDR814P SSDI-SDR814P Datasheet
187Kb / 2P
   100AMP 500-800 VOLTS ISOLATED FLAT PACK HYPER FAST RECTIFIER
More results

Descripción similar - SDR814TXV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SDR504 SSDI-SDR504 Datasheet
200Kb / 2P
   50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR600 SSDI-SDR600 Datasheet
315Kb / 2P
   15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR936CT-3 SSDI-SDR936CT-3 Datasheet
215Kb / 2P
   15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR647CT-28 SSDI-SDR647CT-28 Datasheet
222Kb / 2P
   2AMPS 700-800VOLTS 60nsec ULTRA FAST CENTERTAP RECTIFIER
SDR958 SSDI-SDR958 Datasheet
213Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958-3 SSDI-SDR958-3 Datasheet
211Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958M SSDI-SDR958M Datasheet
231Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958N SSDI-SDR958N Datasheet
228Kb / 2P
   50 AMP 800 -1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
logo
ON Semiconductor
MURS105 ONSEMI-MURS105 Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
logo
Sirectifier Global Corp...
UF4001 SIRECT-UF4001 Datasheet
187Kb / 2P
   Ultra Fast Recovery Rectifier - 1.0Amp 50~1000Volt
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com