Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC251G1DXXX-24CA Datasheet(PDF) 7 Page - TEMIC Semiconductors

No. de pieza TSC251G1DXXX-24CA
Descripción Electrónicos  Extended 8-bit Microcontroller with Serial Communication
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEMIC [TEMIC Semiconductors]
Página de inicio  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC251G1DXXX-24CA Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button TSC251G1DXXX-24CA Datasheet HTML 3Page - TEMIC Semiconductors TSC251G1DXXX-24CA Datasheet HTML 4Page - TEMIC Semiconductors TSC251G1DXXX-24CA Datasheet HTML 5Page - TEMIC Semiconductors TSC251G1DXXX-24CA Datasheet HTML 6Page - TEMIC Semiconductors TSC251G1DXXX-24CA Datasheet HTML 7Page - TEMIC Semiconductors TSC251G1DXXX-24CA Datasheet HTML 8Page - TEMIC Semiconductors TSC251G1DXXX-24CA Datasheet HTML 9Page - TEMIC Semiconductors TSC251G1DXXX-24CA Datasheet HTML 10Page - TEMIC Semiconductors TSC251G1DXXX-24CA Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
TSC87251G1A
7
Rev. A
September 21, 1998
Alternate
Function
Description
Type
Signal
Name
T2
I/O
Timer 2 Clock Input/Output
For the timer 2 capture mode, T2 is the external clock input. For the Timer 2 clock–out mode,
T2 is the clock output.
P1.0
T2EX
I
Timer 2 External Input
In timer 2 capture mode, a falling edge initiates a capture of the timer 2 registers. In auto–reload
mode, a falling edge causes the timer 2 register to be reloaded. In the up–down counter mode,
this signal determines the count direction: 1= up, 0= down.
P1.1
TXD
I/O
Transmit Serial Data
TXD outputs the shift clock in serial I/O mode 0 and transmits data in serial I/O modes 1, 2 and 3.
P3.1
VDD
PWR
Digital Supply Voltage
Connect this pin to +5V or +3V supply voltage.
VSS
GND
Circuit Ground
Connect this pin to ground.
VSS1
GND
Secondary Ground 1
This ground is provided to reduce ground bounce and improve power supply bypassing. Con-
nection of this pin to ground is recommended. However, when using the TSC87251G1A as a
pin–for–pin replacement for a 8xC51 product, VSS1 can be unconnected without loss of com-
patibility.
Not available on DIP package.
VSS2
GND
Secondary Ground 2
This ground is provided to reduce ground bounce and improve power supply bypassing. Con-
nection of this pin to ground is recommended. However, when using the TSC87251G1A as a
pin–for–pin replacement for a 8xC51 product, VSS2 can be unconnected without loss of com-
patibility.
Not available on DIP package.
VPP
I
Programming Supply Voltage
The programming supply voltage is applied to this input for programming the on–chip EPROM/
OTPROM
WR#
O
Write
Write signal output to external memory.
P3.6
XTAL1
I
Input to the on–chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to this pin. If an external
oscillator is used, its output is connected to this pin. XTAL1 is the clock source for internal tim-
ing.
XTAL2
O
Output of the on–chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to this pin. If an external
oscillator is used, leave XTAL2 unconnected.
Note:
1. The description of A15:8/P2.7:0 and AD7:0/P0.7:0 are for the non–page mode chip configuration. If the chip is configured in page mode
operation, port 0 carries the lower address bits (A7:0) while port 2 carries the upper address bits (A15:8) and the data (D7:0).


Número de pieza similar - TSC251G1DXXX-24CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TSC251G2DXXX-16CB ATMEL-TSC251G2DXXX-16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24CB ATMEL-TSC251G2DXXX-24CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24CE ATMEL-TSC251G2DXXX-24CE Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24IA ATMEL-TSC251G2DXXX-24IA Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24IB ATMEL-TSC251G2DXXX-24IB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Descripción similar - TSC251G1DXXX-24CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
NXP Semiconductors
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
logo
NXP Semiconductors
PCF84C85A PHILIPS-PCF84C85A Datasheet
115Kb / 20P
   Microcontroller with extended I/O
1996 Nov 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com