Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STE26NA90 Datasheet(Hoja de datos) 6 Page - STMicroelectronics

No. de Pieza. STE26NA90
Descripción  N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

   
 6 page
background image
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuits For
Resistive Load
Fig. 2: Unclamped Inductive Waveform
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
STE26NA90
6/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
STW7NA90N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STE24NA100N - CHANNEL 1000V - 0.35ohm - 24A - ISOTOP FAST POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
2SK855FAST SWITCHING N CHANNEL SILICON POWER MOSFET 1 2 3 NEC
STU7NA90N - CHANNEL 900V - 1.05 ohm - 7A - Max220 FAST POWER MOS TRANSISTOR 1 2 3 4 5 STMicroelectronics
2SK829FAST SWITCHING N CHANNEL SILICON POWER MOSFET 1 2 3 4 NEC
STE180N10N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STU7NA80N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET 1 2 3 4 5 STMicroelectronics
STY16NA90N - CHANNEL 900V - 0.5 ohm - 16A - Max247 EXTREMELY LOW GATE CHARGE POWER MOSFET 1 2 3 4 5 STMicroelectronics
STB3020LN - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STB55NE06N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl