Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1473DH Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI1473DH
Descripción Electrónicos  P-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1473DH Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1473DH Datasheet HTML 1Page - Vishay Siliconix SI1473DH Datasheet HTML 2Page - Vishay Siliconix SI1473DH Datasheet HTML 3Page - Vishay Siliconix SI1473DH Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si1473DH
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
2.2
V
On-State Drain Current
a
ID(on)
VDS ≤ −5 V, VGS = −10 V
55
A
VGS = −10 V, ID = −2 A
0.085
0.084
Drain-Source On-State Resistance
a
rDS(on)
VGS = −4.5 V, ID = −1.6 A
0.118
0.120
Forward Transconductance
a
gfs
VDS = −10 V, ID = −2 A
3
6
S
Diode Forward Voltage
a
VSD
IS = −2 A
−0.84
−0.85
V
Dynamic
b
Input Capacitance
Ciss
436
365
Output Capacitance
Coss
69
68
Reverse Transfer Capacitance
Crss
VDS = −15 V, VGS = 0 V, f = 1 MHz
51
51
pF
Total Gate Charge
Qg
4.1
4.1
Gate-Source Charge
Qgs
1.2
1.2
Gate-Drain Charge
Qgd
VDS = −15 V, VGS = −4.5 V, ID = −2.5 A
1.7
1.7
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 74371
S-70349
Rev. A, 26-Feb-07


Número de pieza similar - SI1473DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1473DH VISHAY-SI1473DH Datasheet
109Kb / 7P
   P-Channel 30-V (D-S) MOSFET
S-70308-Rev. B, 12-Feb-07
SI1473DH-T1-E3 VISHAY-SI1473DH-T1-E3 Datasheet
109Kb / 7P
   P-Channel 30-V (D-S) MOSFET
S-70308-Rev. B, 12-Feb-07
logo
VBsemi Electronics Co.,...
SI1473DH-T1-GE3 VBSEMI-SI1473DH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1473DH VISHAY-SI1473DH_08 Datasheet
109Kb / 7P
   P-Channel 30-V (D-S) MOSFET
S-70308-Rev. B, 12-Feb-07
More results

Descripción similar - SI1473DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com