Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL064AMDT Datasheet(PDF) 6 Page - STMicroelectronics |
|
TL064AMDT Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 14 page Electrical characteristics TL064 6/14 PD Total power consumption Tamb = +25°C, no load, no signal 120 120 dB SR Slew rate Vi = 10V, RL = 10kΩ, CL = 100pF, Av = 1 1.5 3.5 1.5 3.5 V/ μs tr Rise time Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1 0.2 0.2 μs Kov Overshoot factor (see Figure 17) Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1 10 10 % en Equivalent input noise voltage RS = 100Ω, f = 1KHz 42 42 1. The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive.Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible. Table 4. VCC = ±15V, Tamb = +25°C (unless otherwise specified) (continued) Symbol Parameter TL064AC, AI, AM TL064BC, BI, BM Unit Min. Typ. Max. Min. Typ. Max. nV Hz ------------ |
Número de pieza similar - TL064AMDT |
|
Descripción similar - TL064AMDT |