Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH16244 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza 74ALVCH16244
Descripción Electrónicos  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH16244 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 74ALVCH16244 Datasheet HTML 2Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 3Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 4Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 5Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 6Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 7Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 8Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 9Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
74ALVCH16244
10/10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
© http://www.st.com


Número de pieza similar - 74ALVCH16244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16244 PHILIPS-74ALVCH16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
logo
Integrated Device Techn...
74ALVCH16244BF IDT-74ALVCH16244BF Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
74ALVCH16244BFG IDT-74ALVCH16244BFG Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
More results

Descripción similar - 74ALVCH16244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
   Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
489Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com