Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUPG04DTR Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza 74AUPG04DTR
Descripción Electrónicos  Low power single inverter gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AUPG04DTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74AUPG04DTR Datasheet HTML 2Page - STMicroelectronics 74AUPG04DTR Datasheet HTML 3Page - STMicroelectronics 74AUPG04DTR Datasheet HTML 4Page - STMicroelectronics 74AUPG04DTR Datasheet HTML 5Page - STMicroelectronics 74AUPG04DTR Datasheet HTML 6Page - STMicroelectronics 74AUPG04DTR Datasheet HTML 7Page - STMicroelectronics 74AUPG04DTR Datasheet HTML 8Page - STMicroelectronics 74AUPG04DTR Datasheet HTML 9Page - STMicroelectronics 74AUPG04DTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
74AUP1G04
6/18
Table 7.
AC electrical characteristics
Symbol
Parameter
VCC
(V)
Test
condition
Value
Unit
CL (pF)
25 °C
-40 to 85 °C
Typ
Min
Max
tPLH, tPHL
Propagation
delay time
1.1 to 1.3
5
8.0
12.4
ns
1.4 to 1.6
4.2
6.6
1.65 to 1.95
3.2
5.1
2.3 to 2.7
2.3
3.1
3.0 to 3.6
1.9
2.5
1.1 to 1.3
10
8.6
13
1.4 to 1.6
4.6
7
1.65 to 1.95
3.5
5.3
2.3 to 2.7
2.4
3.5
3.0 to 3.6
2.0
2.9
1.1 to 1.3
15
9.1
13.3
1.4 to 1.6
5.6
7.5
1.65 to 1.95
3.8
5.7
2.3 to 2.7
2.6
3.7
3.0 to 3.6
2.2
3.1
1.1 to 1.3
30
10.5
16
1.4 to 1.6
5.5
9
1.65 to 1.95
4.3
6.7
2.3 to 2.7
3.1
4.3
3.0 to 3.6
2.7
3.8
Table 8.
Capacitive characteristics
Symbol
Parameter
VCC
(V)
Test
condition
Value
Unit
TA = 25 °C
Min
Typ
Max
CI
Input capacitance
0VI = 0 or VCC
3
pF
3.6
VI = 0 or VCC
6
CO
Output capacitance
3.6
VI = 0 or VCC
6pF
CPD
Power dissipation capacitance
3.6
f = 10 MHz
32
pF


Número de pieza similar - 74AUPG04DTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G00 PHILIPS-74AUP1G00 Datasheet
83Kb / 16P
   Low-power 2-input NAND gate
Rev. 02-29 June 2006
logo
Diodes Incorporated
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Nexperia B.V. All right...
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
logo
Diodes Incorporated
74AUP1G00FW4-7 DIODES-74AUP1G00FW4-7 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
More results

Descripción similar - 74AUPG04DTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G04 TI1-SN74AUP1G04_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Inverter Gate
SN74AUP1G04 TI-SN74AUP1G04 Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP1G04_101 TI-SN74AUP1G04_101 Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com