Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVQ157TTR Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza 74LVQ157TTR
Descripción Electrónicos  LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ157TTR Datasheet(HTML) 3 Page - STMicroelectronics

  74LVQ157TTR Datasheet HTML 1Page - STMicroelectronics 74LVQ157TTR Datasheet HTML 2Page - STMicroelectronics 74LVQ157TTR Datasheet HTML 3Page - STMicroelectronics 74LVQ157TTR Datasheet HTML 4Page - STMicroelectronics 74LVQ157TTR Datasheet HTML 5Page - STMicroelectronics 74LVQ157TTR Datasheet HTML 6Page - STMicroelectronics 74LVQ157TTR Datasheet HTML 7Page - STMicroelectronics 74LVQ157TTR Datasheet HTML 8Page - STMicroelectronics 74LVQ157TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74LVQ157
3/12
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) Truth Table guaranteed: 1.2V to 3.6V
2) VIN from 0.8V to 2V
Table 6: DC Specifications
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 75
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 200
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
2 to 3.6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time VCC = 3.0V (note 2)
0 to 10
ns/V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
3.0 to
3.6
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
3.0
IO=-50 µA
2.9
2.99
2.9
2.9
V
IO=-12 mA
2.58
2.48
2.48
IO=-24 mA
2.2
2.2
VOL
Low Level Output
Voltage
3.0
IO=50 µA
0.002
0.1
0.1
0.1
V
IO=12 mA
0
0.36
0.44
0.44
IO=24 mA
0.55
0.55
II
Input Leakage
Current
3.6
VI = VCC or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
3.6
VI = VCC or GND
440
40
µA
IOLD
Dynamic Output
Current (note 1, 2)
3.6
VOLD = 0.8 V max
36
25
mA
IOHD
VOHD = 2 V min
-25
-25
mA


Número de pieza similar - 74LVQ157TTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ157T STMICROELECTRONICS-74LVQ157T Datasheet
60Kb / 8P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
February 1999
More results

Descripción similar - 74LVQ157TTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157 Datasheet
60Kb / 8P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
February 1999
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
74LVX157 FAIRCHILD-74LVX157 Datasheet
77Kb / 7P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX257 ONSEMI-74LCX257 Datasheet
207Kb / 11P
   Low Voltage Quad 2-Input Multiplexer
Revised September 2000
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157_01 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX157 ONSEMI-74LCX157 Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com