Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STDVE003A Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STDVE003A
Descripción Electrónicos  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE003A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STDVE003A_08 Datasheet HTML 5Page - STMicroelectronics STDVE003A_08 Datasheet HTML 6Page - STMicroelectronics STDVE003A_08 Datasheet HTML 7Page - STMicroelectronics STDVE003A_08 Datasheet HTML 8Page - STMicroelectronics STDVE003A_08 Datasheet HTML 9Page - STMicroelectronics STDVE003A_08 Datasheet HTML 10Page - STMicroelectronics STDVE003A_08 Datasheet HTML 11Page - STMicroelectronics STDVE003A_08 Datasheet HTML 12Page - STMicroelectronics STDVE003A_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
STDVE003A
Pin configuration
9/41
47
GND
Power
Ground
48, 49
B31, A31
Input, TMDS
Port 3 differential inputs for channel 1
50
VCC
Power
Supply voltage (3.3 V ± 5%)
51, 52
B32, A32
Input, TMDS
Port 3 differential inputs for channel 2
53
GND
Power
Ground
54, 55
B33, A33
Input, TMDS
Port 3 differential inputs for channel 3
56
VCC
Power
Supply voltage (3.3 V ± 5%)
57, 58
B34, A34
Input, TMDS
Port 3 differential inputs for channel 4
59
GND
Power
Ground
60
DDC_2_PWR
Power
External power to connect the pull-up resistor on
DDC B ports. Connect to GND if unused.
61
VCC
Power
Supply voltage (3.3 V ± 5%)
62
HPD2
Output
Port 2 hot plug detector output. Open drain output.
Connect an external resistor according to the
HDMI specification.
63
SDA2
I/O
Port 2 DDC bus data line
64
SCL2
I/O
Port 2 DDC bus clock line
65
GND
Power
Ground
66
GND
Power
Ground
67, 68
B21, A21
Input, TMDS
Port 2 differential inputs for channel 1
69
VCC
Power
Supply voltage (3.3 V ± 5%)
70, 71
B22, A22
Input, TMDS
Port 2 differential inputs for channel 2
72
GND
Power
Ground
73, 74
B23, A23
Input, TMDS
Port 2 differential inputs for channel 3
75
VCC
Power
Supply voltage (3.3 V ± 5%)
76, 77
B24, A24
Input, TMDS
Port 2 differential inputs for channel 4
78
GND
Power
Ground
79
VCC
Power
Supply voltage (3.3 V ± 5%)
80
HPD1
Port 1 hot plug detector output. Open drain output.
Connect an external resistor according to the
HDMI specification.
Table 2.
Pin description (continued)
Pin number
Pin name
Type
Function


Número de pieza similar - STDVE003A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
More results

Descripción similar - STDVE003A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
logo
Texas Instruments
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com