Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L7806ABV Datasheet(PDF) 8 Page - STMicroelectronics |
|
L7806ABV Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 26 page Electrical characteristics L78xxAB - L78xxAC 8/26 Table 5. Electrical characteristics of L7806A (VI = 11 V, IO = 1 A, TJ = 0 to 150 °C (L7806AC), TJ = -40 to 125 °C (L7806AB), unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 5.88 6 6.12 V VO Output voltage IO = 5mA to 1A, PO ≤15W VI = 8.6 to 21V 5.76 6 6.24 V ΔVO (1) Line regulation VI = 8.6 to 25V, IO = 500 mA 9 60 mV VI = 9 to 13V 11 60 mV VI = 9 to 13V, TJ = 25°C 3 30 mV VI = 8.3 to 21V, TJ = 25°C 9 60 mV ΔVO (1) Load regulation IO = 5mA to 1A 25 100 mV IO = 5mA to 1.5A, TJ = 25°C 30 100 V IO = 250 to 750mA 10 50 V Iq Quiescent current TJ = 25°C 4.3 6 mA 6mA ΔIq Quiescent current change VI = 9 to 25V, IO = 500 mA 0.8 mA VI = 8.6 to 21V, TJ = 25°C 0.8 mA IO = 5mA to 1A 0.5 mA SVR Supply voltage rejection VI = 9 to 19V, f = 120Hz, IO = 500mA 65 dB Vd Dropout voltage IO = 1A, TJ = 25°C 2 V eN Output noise voltage TA = 25°C, B =10Hz to 100kHz 10 µV/VO RO Output resistance f =1kHz 17 m Ω Isc Short circuit current VI = 35V, TA = 25°C 0.2 A Iscp Short circuit peak current TJ = 25°C 2.2 A ΔVO/ΔT Output voltage drift -0.8 mV/°C 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
Número de pieza similar - L7806ABV |
|
Descripción similar - L7806ABV |